Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTRJ1322P1WTR Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTRJ1322P1WTR
Description  OC-12 IR-1/STM S-4.1 Multirate Pluggable SFP Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRJ1322P1WTR Datasheet(HTML) 5 Page - Finisar Corporation.

  FTRJ1322P1WTR Datasheet HTML 1Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 2Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 3Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 4Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 5Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 6Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 7Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 8Page - Finisar Corporation. FTRJ1322P1WTR Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FTRJ1322P1xTR Pluggable SFP Product Specification - May 2005
F i n i s a r
 Finisar Corporation May 17, 2005 Rev.G
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
155
622
Mb/sec 1
Bit Error Rate
BER
10-12
2
Max. Supported Link Length on
9/125
µm SMF @ OC-12
LMAX4
15
km
3
Notes:
1. Compliant with SONET and SDH standards at OC-12 IR-1/STM S-4.1 and OC-12 SR/STM I-4. In
addition, they comply with SONET and SDH standards at OC-3 IR-1 /STM S-1.1 and OC-3 SR/STM
I-1, as detailed in Finisar Application Note AN-2042.
2. Tested with a PRBS 223-1 test pattern.
3. Attenuation of 0.55 dB/km is used for the link length calculations (per GR-253 CORE). Distances are
indicative only. Please refer to the Optical Specifications in Table IV to calculate a more accurate link
budget based on specific conditions in your application.
VI.
Environmental Specifications
Finisar 1310nm SFP transceivers have an industrial operating temperature range from
–40°C to +85°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
-40
85
°C
Storage Temperature
Tsto
-40
100
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com