Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

226TLS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 226TLS050M
Description  85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226TLS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  226TLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226TLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 226TLS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
109
®
.10
.15
.22
.33
.47
.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
D
5.0
6.3
8.0
d
0.6
0.6
0.6
B
0.5
0.5
0.5
TLS
+ 85°C Low Leakage
Axial Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
10
(13)
µF
50
(63)
35
(44)
25
(32)
16
(20)
WVDC
(SV)
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
6.3x12.5
5x12.5
6.3x12.5
5x12.5
6.3x12.5
6.3x16
5x12.5
6.3x12.5
6.3x16
8x16
6.3x12.5
6.3x16
8x16
6.3x12.5
6.3x16
8x16
6.3x16
8x16
8x16
8x20
PVC SLEEVE
d
D1
L
35.0 MIN
35.0 MIN
L1
+
_
Convert to inches, divide by 25.4
DxL (mm)
D1=D+B Max.
L1=L+1.0 Max.
NOTE: Case Vent is standard on all diameter
≥8.0mm
LEAD INFORMATION VS. CASE DIAMETER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com