Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE4W2X12-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # POE4W2X12-R
Description  Power-over-Ethernet (PoE) Application Notes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

POE4W2X12-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  POE4W2X12-R Datasheet HTML 1Page - Cooper Bussmann, Inc. POE4W2X12-R Datasheet HTML 2Page - Cooper Bussmann, Inc. POE4W2X12-R Datasheet HTML 3Page - Cooper Bussmann, Inc. POE4W2X12-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Forward Topology
(See Figure 2)
B
Beenneeffiitt:: Lowest cost for >6A output currents.
W
Whheenn ttoo U
Ussee:: Typically for output voltages less than 12 V.
Recommended for multi-output voltages (<2.5V) and for applications
requiring highest efficiency.
Advantages:
• Low output ripple current results in lower output capacitor cost.
• Higher efficiency due to lower peak and rms currents can utilize
synchronous rectification.
• Isolated output.
Disadvantages:
Requires additional components including an output energy storage
inductor and additional rectifying device (diode or MOSFET).
Figure 2. Transformer Forward Topology.
Cooper Bussmann® Coiltronics® Transformers
Cooper Bussmann Coiltronics 4 to 13 Watt PoE Transformers.
The Coiltronics lines of RoHS compliant PoE configurable transformers
are available for use with a wide variety of PWM controllers from
several IC manufacturers, providing PD supply solutions that utilize
either
flyback or forward converter topologies.
Flyback and forward DC-DC converters solve the isolation
requirements of the PoE standard.
Forward and flyback switcher
topologies can use Coiltronics PoE transformers to isolate the PDs PoE
interface from the rest of its circuitry while stepping down the PoE
input voltage to power the PD circuits.
Coiltronics
flyback PoE transformers support 1500Vac isolation in the
power converter with feedback voltage of 11V at 0.1A. Available in
4W, 7W and 13W, the transformers accept input voltage ranging from
29.5V to 60V using a nominal 250kHz switching frequency.
Coiltronics PoE transformers feature split primary and secondary
windings to minimize leakage inductance (the result of imperfect
magnetic linking of one winding to another). These transformers allow
multiple output variations. 3.3V and 5V PoE transformers support
three outputs while 12V transformers support two outputs. These
three transformers have parallel windings with identical output voltage.
These enable the windings to be used:
• Independently for isolated circuits
• Paralleled for higher current
• Connected in series to generate higher voltages.
Cooper Bussmann Coiltronics 26 Watt PoE Transformers.
Coiltronics also offers transformers for
forward converters with
synchronous rectification support, 1500Vac isolation, isolated
feedback voltage and can deliver up to 26W. These transformers
accept an input voltage range from 29.5V to 60V using a nominal
300kHz switching frequency.
These components operate in ambient temperatures between -40°C
and +85°C with a maximum operating temperature of 125°C.
The Coiltronics Versa-Pac® product line offers more than 500 usable
inductor or transformer configurations. This same user-configurable
concept is used in the PoE transformer family (VER suffix devices).
Connecting the windings in parallel increases the current carrying
capability while connecting in series increases the output voltage.
These devices provide even greater flexibility in the number of voltage
and current combinations than are available in this standard off-the-
shelf transformer series.
Typical PoE/PD Configurable Transformer Applications
• For IEEE 802.3af-compliant Power-over-Ethernet applications.
• UPS, VoiP Phone, wireless LAN access point, Bluetooth access point,
network camera, building access systems.
• Retail point-of-information systems.
• Vending/gaming machines.
Input
Output
Vo
Vin
N1
N2
C
L
+
+
_
_



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com