Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE7W2X12-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # POE7W2X12-R
Description  Power-over-Ethernet (PoE) Application Notes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

POE7W2X12-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  POE7W2X12-R Datasheet HTML 1Page - Cooper Bussmann, Inc. POE7W2X12-R Datasheet HTML 2Page - Cooper Bussmann, Inc. POE7W2X12-R Datasheet HTML 3Page - Cooper Bussmann, Inc. POE7W2X12-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IInndduucctt--
D
DC
CR
R
D
DC
CR
R
LLeeaakkaaggee
P
Prriim
maarryy
TTuurrnn R
Raattiiooss
D
Diim
meenn--
P
Paarrtt
aannccee
P
Prriim
maarryy S
Seeccoonnddaarryy IInndduuccttaannccee
C
Cuurrrreenntt
S
Scchhm
m 1
1:: P
Piinnss pprrii((1
1--3
3))::ffbb((5
5--6
6))::vv1
1((1
12
2--7
7)):: vv2
2((1
11
1--8
8)):: vv3
3((1
10
0--9
9)) S
Scchhee-- ssiioonn
N
Nuum
mbbeerr
W
Waattttss
((
μμHH))
O
Ouuttppuutt
((
Ω
Ω))
((
Ω
Ω))
ee ((
μμHH)) ttyypp.. PPkk ((AAddcc))
S
Scchhm
m 2
2:: P
Piinnss pprrii((1
1--3
3))::ffbb((5
5--6
6)):: vv1
1((1
12
2--1
10
0))::vv2
2((1
11
1--9
9))
m
maattiicc
S
Siizzee
PoE4W3x3.3-R
4
200
(3)x3.3V@0.45A
0.5
0.07
2.75
0.65
1 : 0.52 : 0.16 : 0.16 : 0.16 +/-1%
1
1
PoE4W3x5.0-R
4
200
(3)x5.0V@0.30A
0.5
0.27
2.5
0.65
1 : 0.52 : 0.26 : 0.26 : 0.26 +/-1%
1
1
PoE4W2x12-R
4
200
(2)x12.0V@0.20A
0.5
0.74
1.4
0.65
1 : 0.52 : 0.60 : 0.60 +/-1%
2
1
PoE7W3x3.3-R
7
100
(3)x3.3V@0.75A
0.275
0.03
1
1
1 : 0.529 : 0.176 : 0.176 : 0.176 +/-1%
1
1
PoE7W3x5.0-R
7
100
(3)x5.0V@0.50A
0.275
0.095
1
1
1 : 0.529 : 0.265 : 0.265 : 0.265 +/-1%
1
1
PoE7W2x12-R
7
100
(2)x12.0V@0.30A
0.275
0.25
1
1
1 : 0.529 : 0.588 : 0.588 +/-1%
2
1
PoE13W3x3.3-R
13
100
(3)x3.3V@1.35A
0.25
0.032
1.5
1.6
1 : 0.529 : 0.176 : 0.176 : 0.176 +/-3%
1
2
PoE13W3x5.0-R
13
100
(3)x5.0V@0.90A
0.25
0.075
1.2
1.6
1 : 0.529 : 0.265 : 0.265 : 0.265 +/-3%
1
2
PoE13W2x12-R
13
100
(2)x12.0V@0.60A
0.25
0.28
1
1.7
1 : 0.529 : 0.647 : 0.647 +/-3%
2
2
IInndduucctt--
D
DC
CR
R
D
DC
CR
R
LLeeaakkaaggee
P
Prriim
maarryy
TTuurrnn R
Raattiiooss
D
Diim
meenn--
P
Paarrtt
aannccee
P
Prriim
maarryy S
Seeccoonnddaarryy IInndduuccttaannccee
C
Cuurrrreenntt
S
Scchhm
m 2
2:: P
Piinnss pprrii((1
1--3
3))::ffbb((5
5--6
6))::vv1
1((1
12
2--1
10
0))::vv2
2((1
11
1--9
9))
S
Scchhee-- ssiioonn
N
Nuum
mbbeerr
W
Waattttss
((
μμHH))
O
Ouuttppuutt
((
Ω
Ω))
V
V1
1//V
V2
2//V
V3
3 ee ((
μμHH)) ttyypp.. PPkk ((AAddcc))
S
Scchhm
m 3
3:: P
Piinnss pprrii((1
1--3
3))::ffbb((5
5--6
6))::vv1
1((1
12
2--1
11
1))::vv2
2((1
10
0--9
9))::vv3
3((8
8--7
7))
m
maattiicc
S
Siizzee
PoE13W3VERS-R
13
100
V1:7.0V@1.1A,
0.25
0.025/0.0
1
1.7
1 : 0.529 : 0.350 : 0.176 : 0.088 +/-3%
3
2
V2:(1)x3.3V@1.1A,
42:0/085
V3:1.8V@1.1A
PoE13W2VERS-R
13
100
V1:5.0V@1.6A,
0.25
0.023/0.0
1.2
1.7
1 : 0.529 : 0.265 : 0.176 +/-3%
2
2
V2:3.3V@1.6A
38/na
A
A
B
B
C
C
D
D
EE
FF
G
G
H
H
II
JJ
K
K
LL
M
M
N
N
O
O
m
maaxx..
rreeff..
m
maaxx..
rreeff..
m
maaxx..
rreeff..
rreeff..
rreeff..
rreeff..
rreeff..
m
maaxx..
Size 1 17.1
16.0
22.3
0.7
8.4
3.0
0.1
0.4
14.49
1.79
3.43
16.88
23.74
2.54
0.75
Size 2 18.0
18.0
24.6
0.7
10.0
3.3
0.1
0.4
14.25
1.75
3.43
19.14
26.0
2.5
0.75
For full product information and a listing of all available inductor values, see http://www.cooperbussmann.com/datasheets/elx, Data sheet number 4316.
E
C
B
Top View
D
(12 plcs)
6
White Dot Pin #1
1
A
Front View
PoE
7
12
O
(10plcs)
N
(10plcs)
J
(12plcs)
I
K
(12plcs)
6
Component Side
7
M
L
1
Recommended Pad Layout
12
F
(2 plcs)
G
(12 plcs)
H
(12 plcs)
Schematic 1
Schematic 2
Schematic 3
Primary
Feedback
Output
Output
Output
Primary
Feedback
Output
Output
Output
Primary
Feedback
Output
Output
Dimensions - mm
Schematics
1) Tolerances A - H are ± 0.25mm unless specified otherwise. 2) Tolerances I - O are ± 0.10mm unless specified otherwise. 3) All soldering surfaces are co-planer to within ± 0.102mm.
Flyback Transformer - 4, 7 & 13 Watts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com