Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCP0704-2R3-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HCP0704-2R3-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCP0704-2R3-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HCP0704-2R3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCP0704-2R3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCP0704-2R3-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCP0704-2R3-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Top V iew
Side View
B ottom V iew
R ecom m ended P ad Layout
Schem atic
1
2
1
2
6.80 M ax
6.80 M ax
3.3±0.3
H C P 0704-R 40 to 2R 3= 1.20 +/- 0.2
H C P 0704-3R 3 to 4R 7= 1.00 +/- 0.2
H C P 0704-R 40 to 1R 0= 4.20 m ax
H C P 0704-1R 8 to 4R 7= 4.00 m ax
7.60
2.50(2x)
4.00(2x)
2
1
D
Diim
me
en
ns
siio
on
ns
s -- m
mm
m
User direction of feed
HCP0704-R40 to 1R0= 4.2
HCP0704-1R8 to 4R7= 4.0
Section A-A
1.5 Dia
min.
7.50
6.9
12.0
4.0
2.0
1.5 Dia.
+0.1/-0.0
A
A
1.75
7.5
16.0
±0.3
1
2
HCP0704
wwllyy R
xxx
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Tota l Los s (W)
Part Marking: HCP0704
xxx = Inductance value in
μH. (R = Decimal point). If no “R” is present, then last character is # of zeros
wwllyy = Date code
R = Revision level
The nominal DCR test point is in the middle of the terminal
Supplied in tape-and-reel packaging, 1000 parts per reel, 13” diameter reel.
Packaging Information - mm
Temperature Rise vs. Total Loss
0209
BU-SB09086
Page 2 of 4
Data Sheet: 4348



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com