Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1107R2-R07-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FP1107R2-R07-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP1107R2-R07-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FP1107R2-R07-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP1107R2-R07-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP1107R2-R07-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP1107R2-R07-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Current range from 18 amps to 140 amps
• Frequency range up to 2MHz
• RoHS compliant
Applications:
• Multi-phase regulators
• Voltage Regulator Module (VRM)
• Desktop and server VRMs and EVRDs
• Data networking and storage systems
• Notebook regulators
• Graphics cards and battery power systems
• Point-of-load modules
• DCR sensing
Environmental Data:
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(Range is application specific)
• Solder reflow temperature: J-STD-020D compliant
Packaging:
• Supplied in tape and reel packaging, 640 parts per reel,
13” diameter reel
Description:
• Halogen free
• 125°C maximum total temperature operation
• 7.2 x 11.0 x 7.5mm surface mount package
• Ferrite core material
• High current carrying capacity, Low core losses
• Controlled DCR tolerance for sensing circuits
• Inductance range from 70nH to 510nH
High Current, High Frequency, Power Inductors
FLAT-PAC™ FP1107 Series
0908
BU-SB08619
Page 1 of 4
Data Sheet: 4342
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms,Isat1
3Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB pad layout, trace thickness and width, air-flow and proximity of
other heat generating components will affect the temperature rise. It is recommended the part
temperature not exceed 125°C under worst case operating conditions verified in the end
application.
4Isat1: Peak current for approximately 20% rolloff at +25°C.
5Isat2: Peak current for approximately 20% rolloff at +125°C.
6 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI * 10
-3,B
p-p : (Gauss),
K: (K-factor from table), L: (inductance in nH),
ΔI (peak-to-peak ripple current in amps).
7 Part Number Definition: FP1107Rx-Rxx-R
• FP1107 = Product code and size
• Rx is the DCR indicator
• Rxx= Inductance value in
μH, R = decimal point
• “-R” suffix = RoHS compliant
Product Specifications
Part Number
7
OCL
1 ± 10% (nH) FLL2 Min. (nH)
Irms
3 (Amps) Isat14 @ 25°C (Amps) Isat25 @ 125°C (Amps) DCR (mΩ) @ 20°C K-factor6
R1 Version
FP1107R1-R07-R
70
50
140
123
361.1
FP1107R1-R12-R
120
86
90
72
361.1
FP1107R1-R15-R
150
108
70
56
361.1
FP1107R1-R23-R
230
166
55
45
36
0.29 ± 10%
361.1
FP1107R1-R30-R
300
217
35
28
361.1
FP1107R1-R40-R
400
288
25
20
361.1
FP1107R1-R51-R
510
364
18
14.5
361.1
R2 Version
FP1107R2-R07-R
70
50
140
123
363.3
FP1107R2-R12-R
120
86
90
72
363.3
FP1107R2-R15-R
150
108
70
56
363.3
FP1107R2-R23-R
230
166
42
45
36
0.47 ± 6.4%
363.3
FP1107R2-R30-R
300
217
35
28
363.3
FP1107R2-R40-R
400
288
25
20
363.3
FP1107R2-R51-R
510
364
18
14.5
363.3


Similar Part No. - FP1107R2-R07-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP1107R2-R07-R EATON-FP1107R2-R07-R Datasheet
779Kb / 4P
High frequency, high current power inductors
More results

Similar Description - FP1107R2-R07-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com