Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0807R1-R12-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FP0807R1-R12-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP0807R1-R12-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FP0807R1-R12-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP0807R1-R12-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP0807R1-R12-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP0807R1-R12-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Top V iew
Side View
B ottom V iew
R ecom m ended P ad Layout
Schem atic
1
2
7.0
max
a
b
2.6
2.6
2.0
0807R x
Rxx
wwllyy R
7.6
max
7.4
max
1.55
+/-0.2
2.0
+/-0.2
3.3
typ.
1
2
1
2
2.7
D
Diim
me
en
ns
siio
on
ns
s -- m
mm
m
7.0
1.5 dia.
7.7
9.5
4.0
2.0
1.5 dia.
A
A
1.75
7.5
16.0
+/-0.3
7.5
16.0
0807Rx
Rxx
wwllyy R
1
2
Section A-A
User direction of feed
0
10
20
30
40
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T otal Loss (W )
Part Marking: Coiltronics Logo
0807Rx (Rx = DCR Indicator)
Rxx = Inductance value in
μH. (R = Decimal point)
wwllyy = Date code
R = Revision level
The nominal DCR is measured from point “a” to point”b.”
Supplied in tape-and-reel packaging, 600 parts per reel, 13” diameter reel.
Packaging Information - mm
Temperature Rise vs.Total Loss
0908
BU-SB08620
Page 2 of 4
Data Sheet: 4343



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com