Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCP0805-R68-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HCP0805-R68-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HCP0805-R68-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HCP0805-R68-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HCP0805-R68-R Datasheet HTML 2Page - Cooper Bussmann, Inc. HCP0805-R68-R Datasheet HTML 3Page - Cooper Bussmann, Inc. HCP0805-R68-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications:
• Voltage Regulator Module (VRM)
• Multi-phase regulators
• Desktop and servers
• Base station equipment
• Notebook regulators
• Data networking and storage systems
• Point-of-load modules
• Battery power systems
• DCR sensing
Environmental Data:
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(Range is application specific)
• Solder reflow temperature: J-STD-020D compliant
Packaging:
• Supplied in tape-and-reel packaging, 700 parts per reel,
13” diameter reel
Description:
• Halogen free
• 125°C maximum total temperature operation
• 7.6 x 7.9 x 5.0mm surface mount package
• Powder iron core material
• Magnetically shielded, low EMI
• High current carrying capacity, Low core losses
• Controlled DCR tolerance for sensing circuits
• Inductance range from 0.40
μH to 2.2μH
• Current range from 10.0 to 32 amps
• Frequency range up to 2MHz
• RoHS compliant
High Current, High Frequency, Power Inductors
HCP0805 Series
1108
BU-SB08798
Page 1 of 4
Data Sheet: 4349
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms,Isat1
3Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB pad layout, trace thickness and width, air-flow and proximity of
other heat generating components will affect the temperature rise. It is recommended the part
temperature not exceed 125°C under worst case operating conditions verified in the end
application.
4Isat: Peak current for approximately 20% rolloff at +25°C.
5 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p : (Gauss), K:
(K-factor from table), L: (inductance in
μH), ΔI (peak-to-peak ripple current in amps).
6 Part Number Definition: HCP0805-xxx-R
• HCP0805 = Product code and size
• xxx= Inductance value in
μH, R = decimal point. If no “R” is present, then
third character = # of zeros.
• “-R” suffix = RoHS compliant
Product Specifications
Part Number
6
OCL
1 ± 20% (
μH)
FLL
2 Min. (
μH)
Irms
3 (Amps)
Isat
4 @ 25°C (Amps)
DCR (m
Ω) @ 20°C
K-factor
5
HCP0805-R40-R
0.40
0.26
20
32
3.1 ±6.0%
376.0
HCP0805-R68-R
0.68
0.44
17.5
25
4.5 ±6.0%
292.0
HCP0805-1R0-R
1.00
0.64
14.5
22
5.8 ±6.0%
239.0
HCP0805-1R5-R
1.50
0.96
13.3
18
6.8 ±6.0%
202.0
HCP0805-2R2-R
2.20
1.41
10
14
11.2 ±6.0%
175.0


Similar Part No. - HCP0805-R68-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HCP0805-R68-R EATON-HCP0805-R68-R Datasheet
444Kb / 5P
High current power inductors
More results

Similar Description - HCP0805-R68-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com