Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KR-5R5V474-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # KR-5R5V474-R
Description  Coin Cell Supercapacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KR-5R5V474-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  KR-5R5V474-R Datasheet HTML 1Page - Cooper Bussmann, Inc. KR-5R5V474-R Datasheet HTML 2Page - Cooper Bussmann, Inc. KR-5R5V474-R Datasheet HTML 3Page - Cooper Bussmann, Inc. KR-5R5V474-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Performance
Parameter
Capacitance Change
ESR
(% of initial measured value)
(% of initial specified value)
Life (1000 hrs @ 70°C @ 5.5Vdc)
≤ 30
≤ 400
Storage - Low and High Temperature
≤ 30
≤ 400
(1000 hrs @ -25°C and 70°C)
Standard Products
Nominal
Part
Nominal ESR (
Ω)
Nominal Dimensions (mm)
Typical Mass
Capacitance
Number
(Equivalent Series Resistance)
Lead
(grams/1 piece)
(F)
Measured @ 1kHz
Diameter
Height
C to C
0.1
KR-5R5V104-R
75
11.5
12.5
5
1.4
0.1
KR-5R5H104-R
75
11.5
5
10
1.4
0.1
KR-5R5C104-R
75
13.5
7.5
5
3.3
0.22
KR-5R5V224-R
75
11.5
12.5
5
1.4
0.22
KR-5R5H224-R
75
11.5
5
10
1.4
0.22
KR-5R5C224-R
75
13.5
7.5
5
3.3
0.33
KR-5R5V334-R
50
11.5
12.5
5
1.4
0.33
KR-5R5H334-R
50
11.5
5
10
1.4
0.33
KR-5R5C334-R
50
13.5
7.5
5
3.3
0.47
KR-5R5V474-R
50
11.5
12.5
5
1.4
0.47
KR-5R5H474-R
50
11.5
5
10
1.4
0.47
KR-5R5C474-R
50
13.5
7.5
5
3.3
1.0
KR-5R5V105-R
30
19
19.5
5
4.2
1.0
KR-5R5H105-R
30
19
6.5
20
4.2
1.0
KR-5R5C105-R
30
21.5
7.5
5
9.1
1.5
KR-5R5V155-R
30
19
19.5
5
4.2
1.5
KR-5R5H155-R
30
19
6.5
20
4.2
1.5
KR-5R5C155-R
30
21.5
7.5
5
9.1
0508
BU-SB07355
Page 2 of 4
Data Sheet 4327



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com