Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1005R2-R08-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FP1005R2-R08-R
Description  High Current, High Frequency, Low-Profile Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP1005R2-R08-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FP1005R2-R08-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP1005R2-R08-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP1005R2-R08-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP1005R2-R08-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Current range from 33 to 90 amps
• Frequency range up to 2MHz
• RoHS compliant
Applications
• Multi-phase regulators
• Voltage Regulator Module (VRM)
• Point-of-load modules
• Desktop and server VRMs and EVRDs
• Data networking and storage systems
• Notebook regulators
• Graphics cards and battery power systems
• DCR sensing
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(Range is application specific)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging, 950 parts per reel, 13” dia. reel
Description
• Halogen free
• 125°C maximum total temperature operation
• 10.2 x 7.0 x 4.95mm surface mount package
• Ferrite core material
• High current carrying capacity, Low core losses
• Controlled DCR tolerance for sensing circuits
• Inductance range from 85nH to 220nH
High Current, High Frequency, Low-Profile Power Inductors
FLAT-PAC™ FP1005 Series
1208
BU-SB08860
Page 1 of 4
Data Sheet: 4337
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms,Isat1
3Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB pad layout, trace thickness and width, air-flow and proximity of
other heat-generating components will affect the temperature rise. It is recommended the part
temperature not exceed 125°C under worst case operating conditions verified in the end
application.
4Isat1: Peak current for approximately 20% rolloff at +25°C.
5Isat2: Peak current for approximately 20% rolloff at +125°C.
6 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI * 10
-3,B
p-p : (Gauss),
K: (K-factor from table), L: (inductance in nH),
ΔI (peak-to-peak ripple current in amps).
7 Part Number Definition: FP1005Rx-Rxx-R
• FP1005 = Product code and size
• Rx is the DCR indicator
• Rxx= Inductance value in
μH, R = decimal point
• “-R” suffix = RoHS compliant
Product Specifications
Part Number
7
OCL
1 ± 10% (nH) FLL2 Min. (nH)
Irms
3 (Amps) Isat14 @ 25°C (Amps) Isat25 @ 125°C (Amps) DCR (mΩ) @ 20°C K-factor6
R1 Version
FP1005R1-R08-R
85
61
90
64
536
FP1005R1-R10-R
100
72
73
57
536
FP1005R1-R12-R
120
86
53
60
48
0.39 ± 7.7%
536
FP1005R1-R15-R
150
108
47
37
536
FP1005R1-R22-R
220
158
33
26
536
R2 Version
FP1005R2-R08-R
85
61
90
64
536
FP1005R2-R10-R
100
72
73
57
536
FP1005R2-R12-R
120
86
50
60
48
0.47 ± 6.7%
536
FP1005R2-R15-R
150
108
47
37
536
FP1005R2-R22-R
220
158
33
26
536
R3 Version
FP1005R3-R08-R
85
61
90
64
536
FP1005R3-R10-R
100
72
73
57
536
FP1005R3-R12-R
120
86
45
60
48
0.55 ± 5.4%
536
FP1005R3-R15-R
150
108
47
37
536
FP1005R3-R22-R
220
158
33
26
536


Similar Part No. - FP1005R2-R08-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP1005R2-R08-R EATON-FP1005R2-R08-R Datasheet
526Kb / 5P
High frequency, high current power inductors
More results

Similar Description - FP1005R2-R08-R

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM74 BITECH-HM74 Datasheet
49Kb / 3P
High Frequency High Current Low Profile Surface Mount Inductors
logo
Cooper Bussmann, Inc.
FP0805R1-R03-R COOPER-FP0805R1-R03-R Datasheet
448Kb / 4P
High Current, High Frequency, Low-Profile Power Inductors
FP1105R1-R10-R COOPER-FP1105R1-R10-R Datasheet
339Kb / 4P
High Current, Low-Profile Power Inductors
FP1006R1-R08-R COOPER-FP1006R1-R08-R Datasheet
444Kb / 4P
High Current, High Frequency, Low-Profile Power Inductors
logo
Eaton All Rights Reserv...
FP2 EATON-FP2 Datasheet
661Kb / 5P
Low profile, high current power inductors
HC8LP EATON-HC8LP Datasheet
417Kb / 4P
Low profile, high current power inductors
HC2LP EATON-HC2LP Datasheet
340Kb / 4P
Low profile, high current power inductors
MPI5451 EATON-MPI5451 Datasheet
2Mb / 8P
High current, low profile power inductors
logo
Vishay Siliconix
IHLP1616BZ-0H VISHAY-IHLP1616BZ-0H Datasheet
201Kb / 4P
High Frequency, Low Profile, High Current IHLP® Inductors
26-Sep-17
IHLP-1616BZ-0H VISHAY-IHLP-1616BZ-0H_V01 Datasheet
184Kb / 4P
High Frequency, Low Profile, High Current IHLP® Inductors
26-Sep-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com