Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD25-4R7-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SD25-4R7-R
Description  Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD25-4R7-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SD25-4R7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD25-4R7-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD25-4R7-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD25-4R7-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Introduction/Basic Operation
In switching regulator applications the inductor is used as an energy
storage device. When the semiconductor switch is on the current in the
inductor ramps up and energy is stored. When the switch turns off energy
is released into the load. The amount of energy stored is calculated by the
formula EEnneerrggyy =
= ½
½LL..II²² (Joules), where:
• L is the inductance in Henrys
• I is the peak value of inductor current
The amount by which the current changes during a switching cycle is
known as the ripple current. Ripple current is defined as V
Vll =
= LL..ddii//ddtt::
•Vl is the voltage across the inductor
• di is the ripple current
• dt is the duration for which the voltage is applied
Inductor current is made up of AC and DC components (Figure 1). The AC
component is high frequency and will flow through the output capacitor
because it has a low HF impedance. A ripple voltage is produced due to
the capacitor ‘equivalent series resistance’ (ESR) that will appear at the
output of the switching regulator. This ripple voltage needs to be
sufficiently low as not to effect the operation of the circuit the regulator is
supplying, normally in the order of 10-500mVpk-pk.
Selecting the correct ripple current impacts the size of the inductor and
output capacitor. The capacitor needs to have a sufficiently high ripple
current rating or it will overheat and dry out. To achieve a good
compromise between inductor and capacitor size a ripple current value of
10-30% of maximum inductor current should be chosen. The current in
the inductor will be continuous for output currents greater that 5-15% of
full load.
The following parameters need to be defined or calculated to select an
inductor:
• Maximum input voltage
• Output voltage
• Switching frequency
• Maximum ripple current
• Duty cycle
0
1
2
I load
I inductor
dI
V out
ESR
Figure 1:
Buck Inductor
Inductor Selection for Switching Regulators
SD3814


Similar Part No. - SD25-4R7-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD25-4R7-R COOPER-SD25-4R7-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD25-4R7-R COOPER-SD25-4R7-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD25-4R7-R EATON-SD25-4R7-R Datasheet
746Kb / 9P
Low profile metalized shielded drum core power inductors
More results

Similar Description - SD25-4R7-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3086 SANYO-2SC3086 Datasheet
94Kb / 3P
For Switching Regulators
2SC3089 SANYO-2SC3089 Datasheet
95Kb / 3P
For Switching Regulators
2SC3277 SANYO-2SC3277 Datasheet
97Kb / 3P
For Switching Regulators
2SC3446 SANYO-2SC3446 Datasheet
92Kb / 3P
For Switching Regulators
2SC3447 SANYO-2SC3447 Datasheet
92Kb / 3P
For Switching Regulators
2SC3448 SANYO-2SC3448 Datasheet
94Kb / 3P
For Switching Regulators
logo
Shindengen Electric Mfg...
MA1010 SHINDENGEN-MA1010 Datasheet
596Kb / 7P
Power Switching Regulators
MA2430 SHINDENGEN-MA2430 Datasheet
448Kb / 7P
Power Switching Regulators
MA4810 SHINDENGEN-MA4810 Datasheet
489Kb / 9P
Power Switching Regulators
logo
Tiger Electronic Co.,Lt...
MC33063ADR2G TGS-MC33063ADR2G Datasheet
2Mb / 7P
Switching Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com