Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS-RK-70SP Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # LPS-RK-70SP
Description  Dual-Element, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LPS-RK-70SP Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  LPS-RK-70SP Datasheet HTML 1Page - Cooper Bussmann, Inc. LPS-RK-70SP Datasheet HTML 2Page - Cooper Bussmann, Inc. LPS-RK-70SP Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bussmann®
LOW-PEAK®
LPS-RK
Dual-Element, Time-Delay Fuses
70-600A
Class RK1 –– 600 Vac/300 Vdc
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Form No. LPS-RK 70-600
Page 3 of 3
Data Sheet: 1002
B
A
600A
400A
200A
100A
400,000
100,000
1,000
RMS SYMMETRICAL CURRENTS IN AMPERES
10,000
A-B=ASYMMETRICAL AVAILABLE PEAK (2.3 x SYMM RMS AMPS)
Current-Limitation Curves
Current-Limiting Effects
Prosp.
Let-Through Current (Apparent RMS
S.C.C.
Symmetrical) Versus Fuse Rating
100A
200A
400A
600A
5,000
2,200
3,250
5,000
5,000
10,000
2,700
4,100
7,150
9,600
15,000
3,050
4,650
7,950
10,650
20,000
3,300
5,100
8,650
11,500
25,000
3,500
5,500
9,200
12,200
30,000
3,700
5,800
9,650
12,750
35,000
3,900
6,100
10,100
13,300
40,000
4,050
6,400
10,450
13,750
50,000
4,300
6,850
11,100
14,600
60,000
4,550
7,250
11,700
15,300
80,000
4,950
7,950
12,650
16,450
100,000
5,250
8,550
13,450
17,450
150,000
5,900
9,750
15,050
19,400
200,000
6,450
10,700
16,300
20,900
250,000
6,850
11,500
17,350
22,100
300,000
7,250
12,200
18,250
23,200
*Values derived from curve data.
10-2-02
SB02295



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com