Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS-RK-90SP Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LPS-RK-90SP
Description  Dual-Element, Time-Delay Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LPS-RK-90SP Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LPS-RK-90SP Datasheet HTML 1Page - Cooper Bussmann, Inc. LPS-RK-90SP Datasheet HTML 2Page - Cooper Bussmann, Inc. LPS-RK-90SP Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW-PEAK®
LPS-RK
Dual-Element, Time-Delay Fuses
70-600A
Class RK1 –– 600 Vac/300 Vdc
Bussmann®
Features:
• High degree of current-limitation for maximum short-circuit
protection.
• Type 2 protection for IEC and NEMA starters when
properly sized.
• High inrush current motor protection.
• Time-delay permits 130% FLA sizing for back-up motor over-
load protection, and single-phasing protection.
• Low watt loss power consumption.
• Electrically isolated end caps.
• 300Vdc, UL Listed.
Applications:
• Branch distribution
• Motors
• Transformers
• Solenoids
• General purpose circuits
A
B
Catalog Symbol: LPS-RK_SP (600V)
Ampere Rating: 70 to 600A
Voltage Rating:
ac: 600V (or less)
dc: 300V (or less)
Interrupting Rating:
ac: 300,000A RMS Sym.
dc: 100,000A
Agency Information:
UL Listed–Special Purpose**, Guide JFHR, File E56412
CSA Certified, (200,000 AIR) Class 1422-02, File 53787,
Class RK1 per CSA C22.2 No. 248.12
Catalog Numbers
LPS-RK-70SP
LPS-RK-150SP
LPS-RK-350SP
LPS-RK-80SP
LPS-RK-175SP
LPS-RK-400SP
LPS-RK-90SP
LPS-RK-200SP
LPS-RK-450SP
LPS-RK-100SP
LPS-RK-225SP
LPS-RK-500SP
LPS-RK-110SP
LPS-RK-250SP
LPS-RK-600SP
LPS-RK-125SP
LPS-RK-300SP
—
Available with tin plate option. Add suffix “-TP”. (Ex.: LPS-RK-100SP-TP)
Carton Quantity and Weight—LPS-RK (600Vac)
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
70–100
1
2.20
1.0
110–200
1
1.10
0.5
225–400
1
2.36
1.1
450–600
1
3.44
1.5
*Weight per carton.
** Meets all performance requirements of UL Standard 248-12 for Class RK1
fuses.
Dimensional Data
Dimensions (inches)
Ampere Ratings
“A”
“B”
70-100
7.88 (± 0.062)
1.11 (± 0.020)
110-200
9.63 (± 0.062)
1.61 (± 0.020)
225-400
11.63 (± 0.094)
2.36 (± 0.020)
450-600
13.38 (± 0.094)
2.88 (± 0.020)
N
NE
EW
W D
DE
ES
SIIG
GN
N
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
Fuse Reducers For Class R Fuses
Desired
Catalog Number
Equipment
Fuse (Case)
(Pairs)
Fuse Clips
Size
600V
200A
100A
No. 2621-R
400A
100A
No. 2641-R
200A
No. 642-R
100A
No. 2661-R
600A
200A
No. 2662-R
400A
No. 2664-R*
*Single reducer only (pair not required).
For additional information, see Data Sheet: 1118.
Form No. LPS-RK 70-600
Page 1 of 3
Data Sheet: 1002
10-2-02
SB02295
Recommended fuseblocks for
Class R 600V fuses
See Data Sheet: 1111


Similar Part No. - LPS-RK-90SP

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LPS-RK-90SP EATON-LPS-RK-90SP Datasheet
1Mb / 4P
LPS-RK ??600 Vac/300 Vdc, 70-600 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPS-RK-90SPI COOPER-LPS-RK-90SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
More results

Similar Description - LPS-RK-90SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPS-RK-6SPI COOPER-LPS-RK-6SPI Datasheet
147Kb / 3P
Dual-Element, Time-Delay Fuses w/Permanent Fuse Indication
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPJ-70SPI COOPER-LPJ-70SPI Datasheet
114Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
DLN-R-1 COOPER-DLN-R-1 Datasheet
272Kb / 3P
Dual-Element, Time-Delay Construction Grade Fuses
DLS-R-1 COOPER-DLS-R-1 Datasheet
174Kb / 3P
Dual-Element, Time-Delay Construction Grade Fuses
logo
List of Unclassifed Man...
LPN-RK-250 ETC1-LPN-RK-250 Datasheet
704Kb / 4P
dual element, time-delay fuses
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
dual element, time-delay fuses
logo
Eaton All Rights Reserv...
MDQ EATON-MDQ Datasheet
391Kb / 2P
Dual-element time-delay glass fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com