Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS-3R3224-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KS-3R3224-R
Description  Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KS-3R3224-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KS-3R3224-R Datasheet HTML 1Page - Cooper Bussmann, Inc. KS-3R3224-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann® PowerStor® supercapacitors
are unique, ultra-high capacitance devices utilizing
electrochemical double layer capacitor (EDLC)
construction combined with new, high performance
materials. This combination of advanced technologies
allows Cooper Bussmann to offer a wide variety of
capacitor solutions tailored to specific applications that
range from a few micro-amps for several days to
several amps for milliseconds.
Supercapacitors
KS Series
0708
BU-SB08331
Page 1 of 2
Data Sheet 4303
Surface Mount Device
Features & Benefits
• Eco-friendly
• Long cycle life
• High-rated voltage
• Small-sized and large capacity
Applications
• RTC back-up (MP3, PMP, MD player) DSC Wireless &
cellular phones
• Pagers & PDAs
• Solar watch, solar calculators
Standard Products
Nominal
Part
Nominal ESR (
Ω)
Nominal Dimensions (mm)
Typical Mass
Capacitance
Number
(Equivalent Series Resistance)
(grams/1 piece)
(F)
Measured @ 1kHz
Diameter
Thickness
0.33
KS-2R8334-R
100
6.8
2.1
0.25
0.22
KS-3R3224-R
200
6.8
2.1
0.25
Performance
Parameter
Capacitance Change
ESR
(% of initial measured value)
(% of initial specified value)
Life (1000 hrs @ 70°C @ 3.3Vdc)
< 30
< 400
Storage - Low and High Temperature
< 30
< 400
(1000 hrs @ -25°C and 70°C)
Specifications
Working Voltage
2.8V
3.3V
Surge Voltage
2.8V
3.3V
Nominal Capacitance Range
0.33F
0.22F
Capacitance Tolerance
-20% to +80% (20°C)
-20% to +80% (20°C)
Operating Temperature Range
-25°C to 70°C
-10°C to 60°C


Similar Part No. - KS-3R3224-R

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
KS-10S KGS-KS-10S Datasheet
354Kb / 1P
Snap-mount standard cable clamp
logo
List of Unclassifed Man...
KS-118F ETC2-KS-118F Datasheet
40Kb / 1P
8-Port 10/100 Switch with 1 Fiber Connection
KS-118FC ETC2-KS-118FC Datasheet
40Kb / 1P
8-Port 10/100 Switch with 1 Fiber Connection
KS-118FS3 ETC2-KS-118FS3 Datasheet
40Kb / 1P
8-Port 10/100 Switch with 1 Fiber Connection
KS-118FS5 ETC2-KS-118FS5 Datasheet
40Kb / 1P
8-Port 10/100 Switch with 1 Fiber Connection
More results

Similar Description - KS-3R3224-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
Supercapacitors
PA-5R0H474-R COOPER-PA-5R0H474-R Datasheet
245Kb / 2P
Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
Supercapacitors
logo
Cooper Bussmann, Inc.
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
Supercapacitors
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
Supercapacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com