Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3304 Datasheet(PDF) 1 Page - ETAL Group

Part # P3304
Description  LOW INSERTION LOSS LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3304 Datasheet(HTML) 1 Page - ETAL Group

  P3304 Datasheet HTML 1Page - ETAL Group P3304 Datasheet HTML 2Page - ETAL Group P3304 Datasheet HTML 3Page - ETAL Group P3304 Datasheet HTML 4Page - ETAL Group P3304 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ETALDOC 772/3
Page 1 of 5
June 2005
PRODUCT DATA SHEET
LOW INSERTION LOSS
P3304
LINE MATCHING TRANSFORMER
Features
Applications
∗ Lead-free (Pb-free)
∗ Legerity QSLAC
∗ RoHS compliant
∗ SLIC Interfaces
∗ Low Insertion Loss, <1dB
∗ 3.3V operation
∗ 12.6mm (0.5”) Seated Height
∗ Industry Standard Pinout
∗ IEC 950 and UL 60950 Certified
∗ UL Recognized Component
∗ Environmentally tested to IEC 68
∗ CERT reliability tested
∗ 1.5:1 turns ratio
∗ Excellent Frequency Response
∗ Simple Matching
∗ High Thermal Stability
DESCRIPTION
P3304 is intended for voice applications where
good distortion at moderate power levels is
required with low insertion loss.
P3304 uses patented design and construction
methods to achieve excellent signal performance
and safety isolation to international standards.
P3304 is certified to IEC 950 and UL 60950. P3304
is a UL Recognized Component, and is supported
by an IEC CB Test Certificate. The part is
completely
lead-free,
compliant
with
RoHS
Directive 2002/95/EC, and suitable for lead-free
and conventional processing.
P3304 has exceptionally flat frequency response
from 100Hz to 10kHz, a 3dB bandwidth of typically
90kHz and requires only the very simplest of
matching to achieve good return loss and
transhybrid loss across the voiceband, with low
levels of signal distortion at signal frequencies as
low as 200Hz.
P3304 has very low leakage inductance and
winding resistances and is designed for use with
3.3V Legerity QSLAC devices. For 5V devices
use P3303 (1:1 ratio).
P3304
has
been
subjected
to
relevant
environmental testing according to IEC 68 and
Combined
Environmental
Reliability
Testing
(CERT) beyond normal operational levels and
passed all tests, remaining fully functional.
Patented


Similar Part No. - P3304

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P3304EV UNIKC-P3304EV Datasheet
394Kb / 5P
P-Channel Enhancement Mode MOSFET
P3304QV UNIKC-P3304QV Datasheet
794Kb / 8P
N&P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - P3304

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3302 ETAL-P3302 Datasheet
168Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3303 ETAL-P3303 Datasheet
172Kb / 5P
LOW INSERTION LOSS LINE MATCHING TRANSFORMER
P3335 ETAL-P3335 Datasheet
169Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3356 ETAL-P3356 Datasheet
191Kb / 6P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3410 ETAL-P3410 Datasheet
167Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3801 ETAL-P3801 Datasheet
178Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5059 ETAL-P5059 Datasheet
135Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5097 ETAL-P5097 Datasheet
108Kb / 4P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5273 ETAL-P5273 Datasheet
100Kb / 4P
LOW DISTORTION LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com