Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1007R3-R15-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FP1007R3-R15-R
Description  High Current, High Frequency, Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP1007R3-R15-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FP1007R3-R15-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP1007R3-R15-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP1007R3-R15-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP1007R3-R15-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Frequency range up to 2MHz
• RoHS compliant
Applications:
• Multi-phase regulators
• Voltage Regulator Module (VRM)
• Desktop and server VRMs and EVRDs
• Notebook regulators
• Data networking and storage systems
• Graphics cards and battery power systems
• Point-of-load modules
• DCR sensing
Environmental Data:
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(With derated current)
• Solder reflow temperature: J-STD-020D compliant
Packaging:
• Supplied in tape and reel packaging on 13” diameter reel
• FP1007R1 700 parts per reel
• FP1007R2 750 parts per reel
• FP1007R3 650 parts per reel
Product Specifications
Part Number
7
OCL
1 ± 10% (nH) FLL2 Min. (nH)
Irms
3 (Amps) Isat14 @ 25°C (Amps) Isat25 @ 125°C (Amps) DCR (mΩ) @ 20°C K-factor6
R1 Version
FP1007R1-R12-R
120
86
81
65
371
FP1007R1-R14-R
140
100
72
56
371
FP1007R1-R17-R
170
122
60
58
46
0.29 ± 10%
371
FP1007R1-R22-R
215
155
50
36
371
FP1007R1-R30-R
300
216
32
26
371
R2 Version
FP1007R2-R12-R
120
86
81
65
368
FP1007R2-R14-R
140
100
72
56
368
FP1007R2-R17-R
170
122
51
58
46
0.48 ± 8%
368
FP1007R2-R22-R
215
155
50
36
368
FP1007R2-R30-R
300
216
32
26
368
R3 Version
FP1007R3-R12-R
120
86
94
86
354
FP1007R3-R15-R
150
108
76
70
354
FP1007R3-R17-R
170
122
66
60
354
FP1007R3-R22-R
215
155
61
50
43
0.29 ± 8%
354
FP1007R3-R23-R
230
165
48
40
354
FP1007R3-R27-R
270
194
40
34
354
FP1007R3-R30-R
300
216
35
30
354
HALOGEN
HF
FREE
Description:
• Halogen free
• 125°C maximum total temperature operation
• 8.0 x 10.4 x 6.5, 7.0 or 7.5mm surface mount package
• Ferrite core material
• High current carrying capacity, low core losses
• Controlled DCR tolerance for sensing circuits
• Inductance range from 120nH to 300nH
• Current range from 32 to 94 Amps
High Current, High Frequency, Power Inductors
FLAT-PAC™ FP1007 Series
0209
BU-SB09133
Page 1 of 4
Data Sheet: 4341
SMD Device
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms,Isat1
3Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB pad layout, trace thickness and width, air-flow and proximity of
other heat generating components will affect the temperature rise. It is recommended the part
temperature not exceed 125°C under worst case operating conditions verified in the end
application.
4Isat1: Peak current for approximately 20% rolloff at +25°C.
5Isat2: Peak current for approximately 20% rolloff at +125°C.
6 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI * 10
-3,B
p-p : (Gauss),
K: (K-factor from table), L: (inductance in nH),
ΔI (peak-to-peak ripple current in amps).
7 Part Number Definition: FP1007Rx-Rxx-R
• FP1007 = Product code and size
• Rx is the DCR indicator
• Rxx= Inductance value in
μH, R = decimal point
• “-R” suffix = RoHS compliant


Similar Part No. - FP1007R3-R15-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP1007R3-R15-R EATON-FP1007R3-R15-R Datasheet
531Kb / 5P
High frequency, high current power inductors
More results

Similar Description - FP1007R3-R15-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com