Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0705R2-R07-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FP0705R2-R07-R
Description  High Current, Low-Profile Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP0705R2-R07-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FP0705R2-R07-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP0705R2-R07-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP0705R2-R07-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP0705R2-R07-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions - mm
A = 7.0 Max.
B = 7.0 Max.
C = 4.95 Max.
D = 2.45 ± 0.2
E = 1.52 ± 0.2
F = 3.5 Typ.
Top View
a
b
B
A
E
D
F
1
2
Rxx
wwllyy
Side View
Bottom View
2.0
3.1
3.3
Recommended Pad Layout
Schematic
1
2
C
0705Rx
R
SECTION A-A
A
A
5.1
7.1
7.1
User direction of feed
1
2
SECTION B-B
B
B
6.5
3.5
Rxx
wwllyy
0705Rx
R
16.00
±0.30
1.5
dia.
12.0
1.5
dia
7.5
1.75
4.0
2.0
0
20
40
60
80
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Total Loss (W)
Part Marking: Coiltronics Logo
0705Rx (Rx = DCR indicator)
Rxx = inductance value in
μH (R = decimal point)
wwllyy = date code
R = revision level
Supplied in tape-and-reel packaging, 950 parts per reel, 13” diameter reel.
Nominal DCR is measured from point “a” to point “b.”
Packaging Information - mm
Temperature Rise vs. Total Loss
05-05-08
BU-SB08210
Page 2 of 4
Data Sheet: 4325



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com