Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3906 Datasheet(PDF) 2 Page - ETAL Group

Part # P3906
Description  ADSL Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3906 Datasheet(HTML) 2 Page - ETAL Group

  P3906 Datasheet HTML 1Page - ETAL Group P3906 Datasheet HTML 2Page - ETAL Group P3906 Datasheet HTML 3Page - ETAL Group P3906 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P3906
ETALDOC 783/2
Page 2 of 4
January 2004
SPECIFICATIONS
Electrical
Typical values at T = 25ºC, unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Inductance
10kHz 100mV
6-10 (link 7-9)
760
800
840
µH
Leakage inductance
100kHz, 100mV, 6-10
(link 7-9; link 1, 2, 4, 5)
-
-
12
µH
Interwinding
capacitance
100kHz 100mV
5-6 (link 1, 2, 4, 5;
link 6, 7, 9, 10)
-
-
30
pF
DC resistance
1-4; 2-5
6-9; 7-10
-
-
0.25
0.54
-
-
Ω
Ω
Turns ratio
6-10 : 5-1
(link 7-9; link 2-4)
3.30
3.33
3.37
-
Voltage isolation
(1)
50Hz
DC
(1, 2, 4, 5 : 6, 7, 9, 10)
2.12
3.0
-
-
-
-
kVrms
kV
Operating range:
Functional
Storage
Ambient temperature
-40
-40
-
-
+85
+85
ºC
ºC
Notes
1. Components are 100% tested at 3.25kV DC.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com