Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4000-CU Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # 4000-CU
Description  T-BERD짰/MTS-4000Multiple Services Test Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

4000-CU Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  4000-CU Datasheet HTML 1Page - JDS Uniphase Corporation 4000-CU Datasheet HTML 2Page - JDS Uniphase Corporation 4000-CU Datasheet HTML 3Page - JDS Uniphase Corporation 4000-CU Datasheet HTML 4Page - JDS Uniphase Corporation 4000-CU Datasheet HTML 5Page - JDS Uniphase Corporation 4000-CU Datasheet HTML 6Page - JDS Uniphase Corporation 4000-CU Datasheet HTML 7Page - JDS Uniphase Corporation 4000-CU Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications
7
T-BERD/MTS-4000 COPPER SERVICES MODULE
Wideband Impulse Noise
Filter
Center
Level Range
Level Range Level Resolution Level Accuracy
Frequency
(dBm)
(dBm)
(dB)
(dB)
E (ISDN)
7.0 kHz
+10 to –50
80 to 140
0.1
±1
51 to 90
141 to –175
0.1
±2
F (HDSL)
35.0 kHz
+10 to 50
80 to –140
0.1
±1
51 to 85
141 to –170
0.1
±2
G (ADSL)
150 kHz
+10 to 50
80 to –140
0.1
±1
51 to 85
141 to –165
0.1
±2
G2 (ADSL2+)
200 kHz
+10 to 50
80 to –140
0.1
±1
51 to 85
141 to –160
0.1
±2
J1 (VDSL)
4.0 MHz
+10 to 50
80 to –140
0.1
±1
J-640K17
51 to 70
141 to 150
0.1
±2
J2 (VDSL)
21.0 MHz
+10 to 50
80 to –140
0.1
±1
J-17M25
51 to 70
141 to 150
0.1
±2
J3 (VDSL)
24.0 MHz
+10 to 50
80 to –140
0.1
±1
J-17M30
51 to 70
141 to 150
0.1
±2
J4 (VDSL)
28.0 MHz
+10 to 50
80 to 140
0.1
±1
J-25M30
51 to -80
141 to 155
0.1
±2
J6 (VDSL)
1.0 MHz
+10 to 50
80 to 140
0.1
±1
51 to 65
141 to 150
0.1
±2
J7 (VDSL)
600 KHz
+10 to 50
80 to 140
0.1
±1
J-20K8
51 to 65
141 to 155
0.1
±2
J8 (VDSL)
1.0 MHz
+10 to 50
80 to 140
0.1
±1
J20K17
51 to 65
141 to 150
0.1
±2
J9 (VDSL)
1.0 MHz
+10 to 50
80 to 140
0.1
±1
No Filter
51 to 55
141 to 145
0.1
±2
Wideband Spectral Noise
Frequency Range
Level Range
Level Range
Level Resolution
Level Accuracy
10 kHz to 30 MHz
+10 to –90 dBm
35 to –140 dBm/Hz
0.1 dBm
±2 dB
Wideband SNR
Frequency Range
Level Range
Level Resolution
Level Accuracy
10 kHz to 30 MHz
0 to 50 dB
0.1 dBm
±2 dB
Wideband Return Loss
Frequency Range
Level Range
Level Resolution
Level Accuracy
10 kHz to 10 MHz
0 to 50 dB
0.1 dBm
±2 dB
10 kHz to 10 MHz
30 to 50 dB
0.1 dBm
Indicator only
Wideband Balance
Frequency Range
Frequency Spacing
Level Range
Level Resolution Level Accuracy
10 kHz to 2.2 MHz
1 kHz
10 to 60 dB
0.1 dB
±1 dB
10 kHz to 2.2 MHz
1 kHz
>60 dB
0.1 dB
Indicator only
2.21 MHz to 30 MHz
5 kHz
10 to 60 dB
1 dB
±2 dB
2.21 MHz to 30 MHz
5 kHz
>60 dB
1 dB
Indicator only
Wideband Filter Ranges Used for WB SNR, WB Noise, and WB Impulse Noise
Filter
Spec
Lower 3 dB
Center Frequency
Upper 3 dB
Comments
E Filter
IEEE Std 743-1995
1 kHz
7 kHz
50 kHz
F Filter
IEEE Std 743-1995
4.9 kHz
35 kHz
245 kHz
G Filter
IEEE Std 743-1995
20 kHz
150 kHz
1.1 MHz
G2 Filter (aka J5)
None
20 kHz
200 kHz
2.2 MHz
J1 Filter
None
640 kHz
4.0 MHz
17.664 MHz
J-640K17
J2 Filter
None
17.664 MHz
21.0 MHz
25 MHz
J-17M25
J3 Filter
None
17.664 MHz
24.0 MHz
30 MHz
J-17M30
J4 Filter
None
25 MHz
28.0 MHz
30 MHz
J-25M30
J6 Filter
None
20 kHz
1.0 MHz
12.2 MHz
J-20K12
J7 Filter
None
20 kHz
600 kHz
8.5 mHz
J-20K8
J8 Filter
None
20 kHz
1.0 MHz
17.0 MHz
J-20K17
No Filter (aka J9)
None
20 kHz
1.0 MHz
30.0 MHz
J-20K30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com