Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7600-R68M Datasheet(PDF) 3 Page - ETAL Group

Part # P7600-R68M
Description  HIGH POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7600-R68M Datasheet(HTML) 3 Page - ETAL Group

  P7600-R68M Datasheet HTML 1Page - ETAL Group P7600-R68M Datasheet HTML 2Page - ETAL Group P7600-R68M Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P7600
ETALDOC 826/4
Page 3 of 3
July 2005
CONSTRUCTION
Dimensions shown are in millimetres
Terminal plating JESD97 category = e3.
Recommended reflow solder profile: 2 minutes
@ 150-200ºC, 10 seconds @ 260ºC; time above
217ºC 60 seconds maximum.
ORDERING CODE
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-40ºC to
+125ºC
Operating temperature
-25ºC to
+105ºC
Soldering temperature profile peak
260ºC 10s
P7600-
MT
Tape and Reel
Tolerance (±20%)
Inductance code
Type code
Handle
in
accordance
with
IPC/JEDEC
J-STD-033 procedure for components classified
as IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 2.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
Fig. 3
2.00± 0.20
2.00± 0.20
7.00± 0.50
3.00
4.00
12.70± 0.40
10.00
MARKING
INDUCTANCECODE
1
2
3
PCBPATTERN
Fig. 2
Dimensions
e3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com