Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7600-R68MT Datasheet(PDF) 2 Page - ETAL Group

Part # P7600-R68MT
Description  HIGH POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7600-R68MT Datasheet(HTML) 2 Page - ETAL Group

  P7600-R68MT Datasheet HTML 1Page - ETAL Group P7600-R68MT Datasheet HTML 2Page - ETAL Group P7600-R68MT Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P7600
ETALDOC 826/4
Page 2 of 3
July 2005
SPECIFICATIONS
Electrical
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
Rated Current IRMS (A)
(2)
Isat (A)
(3)
P7600-R68M
0.68±20%
1.8
26
22
P7600-1R2M
1.2±20%
2.8
20
16
P7600-1R8M
1.8±20%
3.9
16
12
P7600-2R7M
2.7±20%
4.8
14
10
Notes
1. Inductance measured at 100kHz, 100mV.
2. Rated current is the current at which the temperature rise is 45ºC.
3. Saturation current, Isat, is the DC current at which the zero-current inductance falls by 10%.
For this family, inductance falls by around 25% for a current of 2x Isat.
4. Operating temperature -25ºC to +105ºC.
5. For non-standard inductance values, please contact Profec.
2.7µH
1.8µH
1.2µH
0.68µH
5
101520
253035
40
DC CURRENT(A)
0.5
1.0
1.5
2.0
2.5
3.0
0
20% Inductance loss
Temperature limited (45°C) rated current
10% Inductance loss
Fig. 1
Effect of DC Current on Inductance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com