Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTX410807-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CTX410807-R
Description  CCFL Transformer Application Note
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX410807-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CTX410807-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX410807-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX410807-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX410807-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transformer Selection
The CCFL lamp manufacturer supplies the following lamp characteristics:
1. Strike voltage (Vstrike)
2. Running voltage (Vrun)
3. Frequency of operation (Fres)
4. Power (W)
5. Current (Ilamp)
The first step is to select the transformer according to the power
requirement from the catalog.
The second step is to decide the termination.
Use this formula to find the turn ratio needed to obtain the strike voltage of
the lamp.
TR = Turns ratio
Vin min = Battery voltage
Cold Cathode Fluorescent Lamps (CCFLs) are used to illuminate Liquid
Crystal Displays (LCDs). The LCD display is used in laptop computers, gas
pumps, automobiles, test equipment, PDAs and medical instruments.
CCFLs are small, efficient and inexpensive. The lamp must be driven by a
specialized power supply. High sinusoidal AC voltage is needed to start the
lamps, but once started, the voltage drops to a lower level. CCFL circuits
are usually powered from a low voltage DC source of 5-12V. The DC to AC
power supply needs a transformer to change low DC input voltage to high
sinusoidal AC voltage.
The Cooper Bussmann
® Coiltronics® brand CCFL transformers are
designed to work with inexpensive Royer class self-oscillating circuits. The
Royer circuit works with input voltage from 2.5 to 20Vdc and is capable of
producing 90% efficiency above 5Vdc input.
Royer Diagram
A current-fed, push-pull topology is commonly used to power the CCFL
transformer. This topology accommodates a wide input voltage and
consists of a resonant push-pull stage, a Pulse-Width-Modulated (PWM)
buck-derived control stage and a high-voltage secondary stage. The push-
pull stage consists of transistors Q2 and Q3 to drive the center-tapped
transformer T1. The transistors are driven 180° out of phase at 50% duty
cycle with an auxiliary winding on the transformer. A resonant tank is
formed between the primary inductance of the transformer and a low-
loss, external resonant bulk capacitor C1. The resonant tank provides a
sinusoidal voltage to the transformer’s primary winding and sets the
system’s operating frequency.
The high voltage at the secondary of transformer is used to ignite and
operate the lamp. Since the ignition or “strike voltage” is higher than the
operating voltage, a high voltage ballast capacitor C2 is required to allow
a voltage difference between the transformer secondary and the lamp. To
minimize lamp stress and improve efficiency, the striking voltage
waveforms should be sinusoidal.
CCFL Transformer Application Note
TR
V
V
in
strike
×
×
=
2
min
π


Similar Part No. - CTX410807-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CTX410807-R EATON-CTX410807-R Datasheet
562Kb / 6P
Cold cathode fluorescent lamp inverter transformers
More results

Similar Description - CTX410807-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
APPLICATION NOTE
REV.0
logo
Vectron International, ...
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
Application Note
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
Application Note
AN-1136 IRF-AN-1136 Datasheet
2Mb / 26P
Application Note
AN-983 IRF-AN-983 Datasheet
1Mb / 16P
Application Note
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com