Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7608-R56YT Datasheet(PDF) 1 Page - ETAL Group

Part # P7608-R56YT
Description  HIGH POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7608-R56YT Datasheet(HTML) 1 Page - ETAL Group

  P7608-R56YT Datasheet HTML 1Page - ETAL Group P7608-R56YT Datasheet HTML 2Page - ETAL Group P7608-R56YT Datasheet HTML 3Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ETALDOC 840/3
Page 1 of 3
July 2005
PRODUCT DATA SHEET
HIGH POWER INDUCTOR
P7608 Family
Features
Applications
∗ Lead-free (Pb-free)
∗ DC-DC Converters
∗ RoHS compliant
∗ Voltage Regulator Modules
∗ High Current (to 30A)
∗ Distributed Power
∗ Low DCR (to 1mΩ)
∗ MPU power supplies
∗ Foil windings
∗ Servers
∗ Closed magnetic circuit
∗ Workstations
∗ Telecom equipment
∗ Notebook and handheld equipment
DESCRIPTION
The P7608 family comprises high-energy-density
surface mount inductors.
The family employs
copper
foil
windings,
giving
excellent
DC
resistance, thermal efficiency and high frequency
performance. The core is a closed magnetic circuit
to afford magnetic shielding.
The P7608 family is compliant with RoHS
Directive 2002/95/EC and supplied in tape and
reel packaging, and is suitable for Pb-free and
conventional placement and reflow.


Similar Part No. - P7608-R56YT

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
HIGH POWER INDUCTOR
logo
TEKTRONIX, INC.
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
P7600 Series TriMode??Probes
logo
ETAL Group
P7600-1R2M ETAL-P7600-1R2M Datasheet
114Kb / 3P
HIGH POWER INDUCTOR
P7600-1R2MT ETAL-P7600-1R2MT Datasheet
114Kb / 3P
HIGH POWER INDUCTOR
P7600-1R8M ETAL-P7600-1R8M Datasheet
114Kb / 3P
HIGH POWER INDUCTOR
More results

Similar Description - P7608-R56YT

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
HIGH POWER INDUCTOR
P7601 ETAL-P7601 Datasheet
130Kb / 3P
HIGH POWER INDUCTOR
P7611 ETAL-P7611 Datasheet
105Kb / 3P
HIGH POWER INDUCTOR
P7612 ETAL-P7612 Datasheet
109Kb / 3P
HIGH POWER INDUCTOR
P7614 ETAL-P7614 Datasheet
534Kb / 9P
HIGH POWER INDUCTOR
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
ETAL Group
P7614 ETAL-P7614 Datasheet
539Kb / 9P
HIGH POWER INDUCTOR
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com