Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7614-0602-R10M Datasheet(PDF) 8 Page - ETAL Group

Part # P7614-0602-R10M
Description  HIGH POWER INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7614-0602-R10M Datasheet(HTML) 8 Page - ETAL Group

  P7614-0602-R10M Datasheet HTML 1Page - ETAL Group P7614-0602-R10M Datasheet HTML 2Page - ETAL Group P7614-0602-R10M Datasheet HTML 3Page - ETAL Group P7614-0602-R10M Datasheet HTML 4Page - ETAL Group P7614-0602-R10M Datasheet HTML 5Page - ETAL Group P7614-0602-R10M Datasheet HTML 6Page - ETAL Group P7614-0602-R10M Datasheet HTML 7Page - ETAL Group P7614-0602-R10M Datasheet HTML 8Page - ETAL Group P7614-0602-R10M Datasheet HTML 9Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
P7614
ETALDOC 861/5
Page 8 of 9
July 2007
Core loss vs Time
with operating maximum flux density and core temperatures as parameters
0
1
2
3
4
5
6
7
8
9
10
1
10
100
1000
10000
100000
Time (hours)
100kHz, 50mT, 100°C
100kHz, 70mT, 150°C
100kHz, 30mT, 100°C
Fig. 11
-5%
-4%
-3%
-2%
-1%
0%
1%
2%
3%
4%
5%
-60
-40
-20
0
20
40
60
80
100
120
140
160
Temperature (
°C)
Typical range of variation of inductance with temperature.
Fig. 12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com