Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7614-0602-R33M Datasheet(PDF) 5 Page - ETAL Group

Part # P7614-0602-R33M
Description  HIGH POWER INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7614-0602-R33M Datasheet(HTML) 5 Page - ETAL Group

  P7614-0602-R33M Datasheet HTML 1Page - ETAL Group P7614-0602-R33M Datasheet HTML 2Page - ETAL Group P7614-0602-R33M Datasheet HTML 3Page - ETAL Group P7614-0602-R33M Datasheet HTML 4Page - ETAL Group P7614-0602-R33M Datasheet HTML 5Page - ETAL Group P7614-0602-R33M Datasheet HTML 6Page - ETAL Group P7614-0602-R33M Datasheet HTML 7Page - ETAL Group P7614-0602-R33M Datasheet HTML 8Page - ETAL Group P7614-0602-R33M Datasheet HTML 9Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
P7614
ETALDOC 861/5
Page 5 of 9
July 2007
1205 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7614-1205-R36M
0.36±20%
1.1
41
75
P7614-1205-R47M
0.47±20%
1.3
38
65
P7614-1205-R56M
0.56±20%
1.5
36
55
P7614-1205-R68M
0.68±20%
1.7
34
54
P7614-1205-1R0M
1.0±20%
2.5
29
50
P7614-1205-1R5M
1.5±20%
4.1
23
48
P7614-1205-2R2M
2.2±20%
5.5
20
32
P7614-1205-3R3M
3.3±20%
9.2
15
32
P7614-1205-4R7M
4.7±20%
15
16
27
P7614-1205-6R8M
6.8±20%
18
13
21
P7614-1205-8R2M
8.2±20%
14
9.5
18
P7614-1205-100M
10.0±20%
18
9.0
16
P7614-1205-120M
12.0±20%
18
7.5
10
1307 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7614-1307-R47M
0.47±20%
1.2
41
65
P7614-1307-R68M
0.68±20%
1.6
35
60
P7614-1307-1R0M
1.0±20%
2.1
32
50
P7614-1307-1R5M
1.5±20%
2.6
27
48
P7614-1307-2R2M
2.2±20%
4.2
22
40
P7614-1307-3R3M
3.3±20%
6.8
18
35
P7614-1307-4R7M
4.7±20%
11.2
15
30
P7614-1307-6R8M
6.8±20%
14
12
21
P7614-1307-100M
10.0±20%
17
10
16
Notes
1. Inductance measured at 100kHz, 250mV.
2. IRMS is the current at which the temperature rise is 40°C typical, neglecting core losses.
3. Isat is the DC current at which the zero-current inductance drops by 20%.
4. Operating temperature (part, i.e. ambient + temp rise) -55°C to +125°C.
5. Not recommended for continuous body temperature in excess of 100°C in order to avoid thermal ageing,
refer to fig. 11.
6. For non-standard inductance values, please contact Profec.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com