Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0470 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0470
Description  STM8 SWIM communication protocol and debug module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0470 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0470 Datasheet HTML 27Page - STMicroelectronics UM0470 Datasheet HTML 28Page - STMicroelectronics UM0470 Datasheet HTML 29Page - STMicroelectronics UM0470 Datasheet HTML 30Page - STMicroelectronics UM0470 Datasheet HTML 31Page - STMicroelectronics UM0470 Datasheet HTML 32Page - STMicroelectronics UM0470 Datasheet HTML 33Page - STMicroelectronics UM0470 Datasheet HTML 34Page - STMicroelectronics UM0470 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
UM0470
Debug module (DM)
31/37
4.12.8
DM control register 2 (DM_CR2)
Address: 7F97h
Reset value: 0000 0000 (00h)
765
432
10
Reserved
FV_ROM
Reserved
FV_RAM
rw
rw
Bit 7:3
These bits are reserved and must be kept at 0.
Bit 2
FV_ROM Remap Vector table in ROM.
This bit is set or cleared by software. It remaps the vector table to a ROM location
(product dependent) instead of program memory (usually 8000h).
0: Vector table is in Program Memory area (8000h)
1: Vector table is in ROM memory area (depends on the product)
Bit 1
Reserved, must be kept at 0.
Bit 0
FV_RAM Remap vector table in RAM
This bit is set or cleared by software. It remaps the interrupt vector table to a RAM
location instead of program memory (usually 8000h).
0: Vector table is in Program Memory area (8000h)
1: Vector table is in RAM memory area (address depends on the product)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com