Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # HER201G
Description  HIGH EFFICIENCY PLASTIC RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

HER201G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  HER201G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
1
HER201G THRU HER208G
HIGH EFFICIENCY PLASTIC RECTIFIER
VOLTAGE:50-1000V
CURRENT:2.0A
FEATURES
·Low power loss, high efficiency
·Low leakage
·Low forward voltage
·High current capability
·High speed switching
·High surge capability
·High reliability
MECHANICAL DATA
·Case: Molded plastic
·Epoxy: UL94V-0 rate flame retardant
·Lead: MIL-STD- 202E, Method 208 guaranteed
·Polarity:Color band denotes cathode end
·Mounting position: Any
·Weight: 0.38 grams
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
HER
201G
HER
202G
HER
203G
HER
204G
HER
205G
HER
206G
HER
207G
HER
208G units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward rectified Current
at TA=50°C
Io
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rate load (JEDEC
method)
IFSM
60
A
Maximum Instantaneous forward Voltage at 2.0A
DC
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage TA=25°C
5.0
Maximum Full Load Reverse Current Full Cycle
Average,.375
”(9.5mm) lead length at T
L=55°C
IR
100
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
nS
Typical Junction Capacitance (Note 2)
CJ
30
20
pF
Notes:
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0 volts
DO-15
1.0(25.4)
MIN.
.034(0.9)
.028(0.7) DIA.
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
.140(3.6)
.104(2.6) DIA.
Dimensions in inches and (millimeters)
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


Similar Part No. - HER201G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER201G JGD-HER201G Datasheet
172Kb / 2P
2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER201G GOOD-ARK-HER201G Datasheet
118Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
HER201G LRC-HER201G Datasheet
61Kb / 2P
24 HIGH EFFICIENCY GPP DIODES
logo
Micro Commercial Compon...
HER201G MCC-HER201G Datasheet
311Kb / 2P
Passivated High Efficient Rectifiers 50 to 1000 Volts 2.0 Amp Glass
logo
Won-Top Electronics
HER201G WTE-HER201G Datasheet
58Kb / 4P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - HER201G

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER101 CHONGQING-HER101 Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER151G CHONGQING-HER151G Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER151 CHONGQING-HER151 Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER201 CHONGQING-HER201 Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER301G CHONGQING-HER301G Datasheet
40Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER501G CHONGQING-HER501G Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER501 CHONGQING-HER501 Datasheet
39Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER601G CHONGQING-HER601G Datasheet
41Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
HER1601 CHONGQING-HER1601 Datasheet
49Kb / 1P
HIGH EFFICIENCY PLASTIC RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com