Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7614-1004-R20M Datasheet(PDF) 2 Page - ETAL Group

Part # P7614-1004-R20M
Description  HIGH POWER INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7614-1004-R20M Datasheet(HTML) 2 Page - ETAL Group

  P7614-1004-R20M Datasheet HTML 1Page - ETAL Group P7614-1004-R20M Datasheet HTML 2Page - ETAL Group P7614-1004-R20M Datasheet HTML 3Page - ETAL Group P7614-1004-R20M Datasheet HTML 4Page - ETAL Group P7614-1004-R20M Datasheet HTML 5Page - ETAL Group P7614-1004-R20M Datasheet HTML 6Page - ETAL Group P7614-1004-R20M Datasheet HTML 7Page - ETAL Group P7614-1004-R20M Datasheet HTML 8Page - ETAL Group P7614-1004-R20M Datasheet HTML 9Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P7614
ETALDOC 861/5
Page 2 of 9
July 2007
SPECIFICATIONS
Electrical
(Measured at T=25°, unless otherwise stated)
For notes, see end of tables, foot of page 5
0602 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7614-0602-R10M
0.10±20%
3.5
18
40
P7614-0602-R15M
0.15±20%
5.2
15
28
P7614-0602-R22M
0.22±20%
5.7
14
26
P7614-0602-R33M
0.33±20%
7.0
12
18
P7614-0602-R47M
0.47±20%
9.3
11
18
P7614-0602-R68M
0.68±20%
13.9
9.0
17
P7614-0602-R82M
0.82±20%
15.9
8.0
15
P7614-0602-1R0M
1.0±20%
18
7.0
14
P7614-0602-1R5M
1.5±20%
34
4.0
12
P7614-0602-2R2M
2.2±20%
46
5.0
9.0
P7614-0602-2R5M
2.5±20%
52
3.5
8.0
P7614-0602-3R3M
3.3±20%
60
3.25
7.0
P7614-0602-4R7M
4.7±20%
78
3.0
5.0
0603 size
Part Number
Inductance (µH)
(1)
DCR (mΩ) Max
IRMS (A)
(2)
Isat (A)
(3)
P7614-0603-R10M
0.10±20%
1.7
32.5
42
P7614-0603-R15M
0.15±20%
2.5
26
38
P7614-0603-R20M
0.20±20%
3.0
24
36
P7614-0603-R22M
0.22±20%
2.8
23
36
P7614-0603-R33M
0.33±20%
3.9
20
30
P7614-0603-R47M
0.47±20%
4.2
17.5
26
P7614-0603-R68M
0.68±20%
5.5
15.5
23
P7614-0603-R82M
0.82±20%
8.0
13
20
P7614-0603-1R0M
1.0±20%
10
11
16
P7614-0603-1R5M
1.5±20%
15
9.0
14
P7614-0603-1R8M
1.8±20%
20
9.0
17
P7614-0603-2R2M
2.2±20%
20
8.0
12
P7614-0603-3R3M
3.3±20%
30
6.0
10
P7614-0603-4R7M
4.7±20%
40
5.5
6.5
P7614-0603-6R8M
6.8±20%
60
4.5
6.0
P7614-0603-8R2M
8.2±20%
68
4.0
5.5
P7614-0603-100M
10±20%
105
3.0
4.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com