Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P7614-1307-R68M Datasheet(PDF) 1 Page - ETAL Group

Part # P7614-1307-R68M
Description  HIGH POWER INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7614-1307-R68M Datasheet(HTML) 1 Page - ETAL Group

  P7614-1307-R68M Datasheet HTML 1Page - ETAL Group P7614-1307-R68M Datasheet HTML 2Page - ETAL Group P7614-1307-R68M Datasheet HTML 3Page - ETAL Group P7614-1307-R68M Datasheet HTML 4Page - ETAL Group P7614-1307-R68M Datasheet HTML 5Page - ETAL Group P7614-1307-R68M Datasheet HTML 6Page - ETAL Group P7614-1307-R68M Datasheet HTML 7Page - ETAL Group P7614-1307-R68M Datasheet HTML 8Page - ETAL Group P7614-1307-R68M Datasheet HTML 9Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ETALDOC 861/5
Page 1 of 9
July 2007
PRODUCT DATA SHEET
HIGH POWER INDUCTOR
P7614 Family
Features
Applications
∗ Lead-free (Pb-free)
∗ DC-DC Converters
∗ RoHS compliant
∗ Voltage Regulator Modules
∗ High Current (to 75A Saturation)
∗ Distributed Power
∗ Low DCR (to 0.7mΩ)
∗ MPU power supplies
∗ Powder core
∗ PDA/Notebook/Desktop/Server
∗ Low profile (to 2mm)
∗ Telecom equipment
∗ Wide temperature range (to -55ºC)
∗ Notebook and handheld equipment
∗ Closed magnetic circuit
∗ Flat top for pick and place
DESCRIPTION
The P7614 family comprises high-energy-density
surface mount inductors for high current power
converters. The family handles large transient
current spikes without saturation. Inductance
values are available as low as 0.1µH.
Components are available in ten mechanical sizes,
all offering high energy storage and current
handling in very low profile packages, and offer
operating temperature down to -55ºC.
A distributed gap powder core is used, yielding
stable inductance at very high currents. The core
material is moulded over the winding and
provides a robust, self shielded structure that
operates over a wide temperature range.
The P7614 family of components is compliant
with RoHS Directive 2002/95/EC, and is suitable
for Pb-free and conventional placement and
reflow.
P7614-0602 P7614-0603 P7614-0604
P7614-0905
P7614-1004
P7614-1005
P7614-1203
P6714-1205
P7614-0605
P7614-1307


Similar Part No. - P7614-1307-R68M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7614 ETAL-P7614 Datasheet
539Kb / 9P
HIGH POWER INDUCTOR
More results

Similar Description - P7614-1307-R68M

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7600 ETAL-P7600 Datasheet
114Kb / 3P
HIGH POWER INDUCTOR
P7601 ETAL-P7601 Datasheet
130Kb / 3P
HIGH POWER INDUCTOR
P7608 ETAL-P7608 Datasheet
110Kb / 3P
HIGH POWER INDUCTOR
P7611 ETAL-P7611 Datasheet
105Kb / 3P
HIGH POWER INDUCTOR
P7612 ETAL-P7612 Datasheet
109Kb / 3P
HIGH POWER INDUCTOR
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
ETAL Group
P7614 ETAL-P7614 Datasheet
539Kb / 9P
HIGH POWER INDUCTOR
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com