Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-4E Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # PPC-4E
Description  4 V Photovoltaic Power Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PPC-4E Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  PPC-4E Datasheet HTML 1Page - JDS Uniphase Corporation PPC-4E Datasheet HTML 2Page - JDS Uniphase Corporation PPC-4E Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PPC-4E at 3 Light Input Levels
2
PPC-4E
0
5
10
15
20
0
20
40
60
80
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
Voltage (V)
At 250mW
At 50mW
At 100mW
(Pin orientation may vary. Specifications in mm unless otherwise noted. All dimensions
tolerance ±250 µ)
FC Housing
Epoxy
Optimum Load Resistance for PPC-4E
Light Power (mW)
0
200
400
600
800
1000
1200
1400
0
50
100
150
200
250



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com