Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q331-HD Datasheet(PDF) 7 Page - JDS Uniphase Corporation

Part # Q331-HD
Description  High-Power Q-Switched Diode-Pumped UV Laser
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

Q331-HD Datasheet(HTML) 7 Page - JDS Uniphase Corporation

  Q331-HD Datasheet HTML 1Page - JDS Uniphase Corporation Q331-HD Datasheet HTML 2Page - JDS Uniphase Corporation Q331-HD Datasheet HTML 3Page - JDS Uniphase Corporation Q331-HD Datasheet HTML 4Page - JDS Uniphase Corporation Q331-HD Datasheet HTML 5Page - JDS Uniphase Corporation Q331-HD Datasheet HTML 6Page - JDS Uniphase Corporation Q331-HD Datasheet HTML 7Page - JDS Uniphase Corporation Q331-HD Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Laser Head
Product Code
Description
Q331-HD
355 nm, 5 W class, 10 to 30 kHz
Q332-HD
355 nm, 5 W class, 30 to 70 kHz
Q333-HD
355 nm, 5 W class, 70 to 130 kHz
Q301-HD
355 nm, 10 W class, 10 to 30 kHz
Q302-HD
355 nm, 10 W class, 30 to 70 kHz
Q303-HD
355 nm, 10 W class, 70 to 130 kHz
Q304-HD
355 nm, 11 W class, 40 to 90 kHz
Power Supply
Product Code
Description
QA-CH-A11
Pair of 3 m hoses, straight/straight couplings
QA-CH-A12
Pair of 5 m hoses, straight/straight couplings
QA-CH-A21
Pair of 3 m hoses,right-angle/straight couplings
QA-CH-A22
Pair of 5 m hoses,right-angle/straight couplings
QA-CH-A31
Pair of 3 m hoses,right-angle/right-angle couplings
QA-CH-A32
Pair of 5 m hoses,right-angle/right-angle couplings
Hose Kit
Sample: Q331-HD (355 nm, 10 to 30 kHz laser head), Q-PS-1000R (power supply), Q-PS-A30R (3 meter flex umb cable set),
QA-CH (standard voltage configuration chiller), and QA-CH-A11 (3 m hose, straight/straight couplings)
Product Code
Description
Q-PS-1000R
Standard power supply
Umbilical Cable
Product Code
Description
Q-PS-A30R
3 meter flex umbilical cable set
Q-PS-A50R
5 meter flex umbilical cable set
Q-PS-A70R
7 meter flex umbilical cable set
Q-PS-A100R
10 meter molded umb cable set
Product Code
Description
QA-CH
Chiller with standard voltage configuration
QA-CH-E
Chiller with European voltage configuration
Chiller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com