Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFB2 Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SFB2
Description  Switched Filter B anks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SFB2 Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SFB2 Datasheet HTML 1Page - Spectrum Microwave, Inc. SFB2 Datasheet HTML 2Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Spectrum Microwave, Inc.
38166 Old Stage Road; Delmar, Delaware 19940
www.SpectrumMicrowave.com
Phone (888) 553-7531
Fax (888) 553-7532
sales@SpectrumMicrowave.com
Switched Filter Banks
RF/ IF Preselector to 18 GHz
(Passbands 1 - 2000 MHz; Stopband to 18 GHz)
S-Parameters for this model
are available for download
on our website.
Exploded View
45
5045
10045
15045
18000
Frequency (MHz)
Utimate Rejections
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
192.006
384.002
575.998
767.994
959.99
Frequency (MHz)
CH2
-50
-40
-30
-20
-10
0
440 MHz
-2.7622 dB
0.01
192.006
384.002
575.998
767.994
959.99
Frequency (MHz)
CH1
-50
-40
-30
-20
-10
0
480 MHz
-1.5308 dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com