Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWM-2FSMS2724 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # DWM-2FSMS2724
Description  Multi-Channel Mux/Demux Module 200 GHz Spacing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

DWM-2FSMS2724 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  DWM-2FSMS2724 Datasheet HTML 1Page - JDS Uniphase Corporation DWM-2FSMS2724 Datasheet HTML 2Page - JDS Uniphase Corporation DWM-2FSMS2724 Datasheet HTML 3Page - JDS Uniphase Corporation DWM-2FSMS2724 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
200 GHz Coupler Spectral Plot
2
MULTI-CHANNEL MUX/DEMUX MODULE
200 GHZ SPACING
0
5
10
15
20
25
30
35
40
45
50
1558.5
1559
1559.5
1560
1560.5
1561
1561.5
1562
1562.5
Wavelength (nm)
125.7
93.0
86.5
119.3
3.2
3.2
8.4
6.6
2X
6.6
2X
3.8
2X
8.4
8X
Ø 2.4
4X
THRU
R 3.2
4X
15.2
4.2
13.0
(Specifications in mm unless otherwise noted.)
Dimensions Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com