Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4934D Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC4934D
Description  Silicon NPN Epitaxial
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4934D Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC4934D Datasheet HTML 1Page - Hitachi Semiconductor 2SC4934D Datasheet HTML 2Page - Hitachi Semiconductor 2SC4934D Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
———————————————————————————————————————————
Collector to base
V(BR)CBO
120
—
—
V
IC = 10 µA,
breakdown voltage
IE = 0
———————————————————————————————————————————
Collector to emitter
V(BR)CEO
120
—
—
V
IC = 1 mA,
breakdown voltage
RBE = ∞
———————————————————————————————————————————
Emitter to base
V(BR)EBO
5—
—
V
IE = 10 µA,
breakdown voltage
IC = 0
———————————————————————————————————————————
Collector cutoff current
ICBO
——10
µA
VCB = 80 V,
IE = 0
———————————————————————————————————————————
DC current
2SC4934D
hFE
250
—
500
VCE = 5 V,
transfer ratio
——————————————————————
IC = 10 mA
2SC4934E
hFE
400
—
800
———————————————————————————————————————————
Base to emitter voltage
VBE
—
—
1.0
V
VCE = 5 V,
IC = 10 mA
———————————————————————————————————————————
Collector to emitter
VCE(sat)
—
—
1.0
V
IC = 200 mA,
saturation voltage
IB = 20 mA
———————————————————————————————————————————
Gain bandwidth product
fT
—
350
—
MHz
VCE = 10 V,
IE = 50 mA
———————————————————————————————————————————
Collector output capacitance
Cob
—
3.5
—
pF
VCB = 30 V,
IE = 0,
f = 1 MHz
———————————————————————————————————————————
See characteristic curves of 2SC4046.
2SC4934



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com