Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA684 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA684
Description  PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA684 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA684 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA684 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA684 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SA684
PNP Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1
2
TO-92L
1. EMITTER
2. COLLECTOR
.
BASE
2
3
1
3
3
FEATURES
∙ Automatic insertion by radial taping possible.
∙ Complementary pair with 2SC1384.
MAXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-1
A
PC
Collector Dissipation
1
W
TJ, Tstg
Junction and Storage Temperature
-55-150
℃
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-10uA, IE=0
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-2mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-20V, IE=0
-0.1
µA
hFE(1)
VCE=-10V, IC=-500mA
85
340
DC current gain
hFE(2)
VCE=-5V, IC=-1A
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-0.2
-0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB=-50mA
-0.85
-1.2
V
Transition frequency
fT
VCE=-10V, IE=50mA, f=200MHz
200
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
20
30
pF
CLASSIFICATION OF
hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SA684

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA684 PANASONIC-2SA684 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA684 PANASONIC-2SA684 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
logo
Unisonic Technologies
2SA684 UTC-2SA684 Datasheet
68Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
2SA684 ETC-2SA684 Datasheet
50Kb / 1P
SI PNP EPITAXIAL PLANAR
logo
Daya Electric Group Co....
2SA684 DAYA-2SA684 Datasheet
200Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SA684

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com