Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1577 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1577
Description  PNP Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1577 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1577 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1577 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA1577 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SA1577
PNP Silicon
General Purpose Transistor
RoHS Compliant Product
COLLECTOR
3
1
BASE
2
EMITTER
K
J
C
H
L
A
B S
G
V
3
1
2
1
2
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
FEAT URES
Power dissipation
PCM
:
200
mW
Temp.=25
Collector current
ICM
:
-500
mA
Collector-base voltage
V(BR)CBO : -40
V
Operating and storage junction temperature range
TJ
Tstg: -55
to +150
ELECTRICAL
CHARACTERISTICS Tamb=25 C unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-100
µA,I
E=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-1 mA,IB=0
-32
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100
µA,I
C=0
-5
V
Collector cut-off current
ICBO
VCB=-20 V,IE=0
-1
µA
µA
Emitter cut-off current
IEBO
VEB=-4 V,IC=0
-1
DC current gain
hFE(1)
VCE=-3 V,IC=-10 mA
82
390
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10 mA
-0.4
V
Transition frequency
fT
VCE=-5 V,IC=-20 mA,f=100MHz
200
MHz
Collector output capacitance
Cob
VCB=-10 V,IE=0,f=1MHz
7
pF
CLASSIFICATION OF
hFE(1)
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
HP
HQ
HR
D
Top View
01-Jun-2002 Rev. A
Page 1 of 3
o


Similar Part No. - 2SA1577

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
Medium Power Transistor (-32V, -0.5A)
logo
Guangdong Kexin Industr...
2SA1577 KEXIN-2SA1577 Datasheet
46Kb / 1P
Medium Power Transistor
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
167Kb / 3P
Medium Power Transistor (-32V, -05A)
2SA1577 ROHM-2SA1577 Datasheet
1Mb / 8P
Medium Power Transistor (-32V, -500mA)
logo
Galaxy Semi-Conductor H...
2SA1577 BILIN-2SA1577 Datasheet
238Kb / 4P
PNP Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SA1577

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com