Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2018F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA2018F
Description  PNP Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA2018F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA2018F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA2018F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
RoHS Compliant Product
2SA2018F
PNP Silicon
General Purpose Transistor
FEATURES
Low VCE(sat) - VCE(sat) -250mV at IC = -200mA/IB=-10mA
B
W
MARKING CODE
High
Collector Current
Dim
Min
Max
A
1.50
1.70
B
0.78
0.82
C
0.80
0.82
D
0.28
0.32
G
0.90
1.10
H
0.00
0.10
J
0.10
0.20
K
0.35
0.41
L
0.49
0.51
S
1.50
1.70
All Dimension in mm
SOT-523
S
G
D
B
L
A
1
3
2
Top View
H
C
J
K
Elektronische Bauelemente
1.
Emitter
Maximum Ratings (Ta=25 oC unless otherwise specified)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
(Continuous)
Collector power dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
-15
V
V
V
A
W
-12
-6
-0.5
IC
0.15
-55~+150
-55~+150
Symbol
Limits
Unit
Electrical Characteristics (Tamb=25 o C unless otherwise specified)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current
gain
Collector-emitter saturation voltage
Collector Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
-15
-12
-6
270
260
6.5
-0.1
-0.1
680
-0.25
VIC=
-10
μ A, IE=0
IC=
-1mA, IB=0
IE=
-10
μ A, IC=0
VCB=
-15V, IE=0
VEB=
-6V, IC=0
VCE=
-2V, IC=-10mA
IC=
-200mA, IB=-10mA
VCE=
-2V, IC=-10mA, f=100MHz
VCB=
-10V, IE=0, f=1MHz
V
V
μ A
μ A
V
MHz
pF
Typ.
Max.
Unit
Conditions
Transition frequency
01-Jun-2002 Rev. A
Page 1 of 2
2. Base
3. Collector
oC
oC


Similar Part No. - 2SA2018F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA2018F SECOS-2SA2018F_15 Datasheet
148Kb / 2P
PNP Silicon General Purpose Transistor
More results

Similar Description - 2SA2018F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
General Purpose Transistor PNP Silicon
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com