Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1213 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1213
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1213 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SC1213 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1213 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
2SC1213 & 2SC1213A
PNP Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
2
0
20
60
40
80
100
140
120
20
510
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
50 100 200
500
VCE = 3 V
Ta = 25
°C
0
200
400
600
50
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
100
150
0
20
40
60
80
100
4
2
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (1)
68
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1 mA
IB = 0
P
C
=
400
mW
0
100
200
300
400
500
4
2
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics (2)
68
10
2
3
4
5
6
7
8
IB = 0
1 mA
P
C = 400
mW
9
10
0
0.3
1.0
3
10
30
0.4
0.2
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.6
0.8
1.0
1.2
VCE = 3 V
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com