Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1383L Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1383L
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1383L Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2SC1383L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1383L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1383L Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
2SC1383L/2SC1384L
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
ICEO  Ta
Safe operation area
0
160
40
120
80
1
10
102
103
104
VCE
= 10 V
Ambient temperature T
a (°C)
0.1
1
10
100
0.001
0.01
0.1
1
10
Single pulse
Ta
= 25°C
t
= 10 ms
t
= 1 s
ICP
IC
Collector-emitter voltage V
CE (V)
01-Jun-2002 Rev. A
Page
3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com