Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1623F
Description  NPN Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1623F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1623F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1623F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC1623F
150 mA, 60 V
NPN Epitaxial Planar Transistor
01-June-2002 Rev. A
Page 1 of 2
DESCRIPTION
The 2SC1623F is designed for use driver stage of AF amplifier and general purpose application.
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Currrent
IC
150
mA
Total Power Dissipation
Pd
250
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=100uA
BVCEO
50
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=10uA
ICBO
-
-
100
nA
VCB=60V
IEBO
-
-
100
nA
VEB=5V
*VCE(sat)
-
-
250
mV
IC=100mA, IB=10mA
*VBE(sat)1
-
-
1.0
V
IC=100mA, IB=10mA
*hFE1
90
-
600
VCE=6V, IC=1mA
*hFE2
25
-
-
VCE=6V, IC=150mA
*hFE3
80
-
-
VCE=1V, IC=10mA
fT
80
-
-
MHz
VCE=10V, IC=1mA, f=100MHz
Cob
-
-
3.5
pF
VCB=10V, f=1MHz, IE=0A
* Pulse Test: Pulse Width≦380μs, Duty Cycle≦2%
CLASSIFICATION OF hFE1
Rank
P
Y
G
B
Range
90 - 180
135 - 270
200 - 400
300 - 600
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.


Similar Part No. - 2SC1623F

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Weitron Technology
2SC1623 WEITRON-2SC1623 Datasheet
194Kb / 4P
NPN General Purpose Transistors
logo
Micro Commercial Compon...
2SC1623 MCC-2SC1623 Datasheet
62Kb / 1P
NPN Silicon Epitaxial Transistors
logo
TRANSYS Electronics Lim...
2SC1623 TEL-2SC1623 Datasheet
67Kb / 1P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC1623 BILIN-2SC1623 Datasheet
203Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC1623F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com