Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3356
Description  NPN Silicon Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3356 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3356 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3356 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC3356 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SC3356
NPN Silicon
Plastic-Encapsulate Transistor
FEATURES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
ELECTRICAL CHARACTERISTICS (Tamb =25 C unless o
o
therwise specified)
0.2
0.1
W
IC
Collector Current -Continuous
A
01-Jun-2002 Rev. A
Page 1 of
3
MAXIMUM RATINGS* TA=25 unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
20
12
3
TJ, Tstg
Junction and Storage Temperature
-55~150
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
PC
Collector Dissipation
V
V
V
C
C
o
o
Power Dissipation
n
n
RoHS Compliant Product
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1.BASE
2.EMITTER
3.COLLECTOR
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=10
µA, IE=0
20
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 1mA, IB=0
12
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10µA, IC=0
3
V
Collector cut-off current
ICBO
VCB= 10 V ,
IE=0
1
µA
Emitter cut-off current
IEBO
VEB= 1V ,
IC=0
1
µA
DC current gain
hFE
VCE= 10V, IC= 20mA
50
300
Transition frequency
fT
VCE=10V, IC= 20mA
6
GHz
Noise figure
F
VCE=10V, IC= 7mA, f = 1GHz
2
dB
CLASSIFICATION OF hFE
Marking
R23
R24
R25
Rank
Q
R
S
Range
50-100
80-160
125-250
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
197Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER
More results

Similar Description - 2SC3356

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052 Datasheet
352Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
A44 SECOS-A44 Datasheet
314Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SD669 MCC-2SD669 Datasheet
280Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MS8050-L MCC-MS8050-L Datasheet
224Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MMS9014-L MCC-MMS9014-L Datasheet
189Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE3055 MCC-MJE3055 Datasheet
246Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13001 MCC-MJE13001 Datasheet
247Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002 MCC-MJE13002 Datasheet
257Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B Datasheet
182Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
MJE13002B MCC-MJE13002B_13 Datasheet
236Kb / 2P
NPN Silicon Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com