Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356F Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3356F
Description  NPN Silicon Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3356F Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3356F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3356F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC3356F
NPN Silicon
Plastic Encapsulated Transistor
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
2
Emitter
1
Base
Collector
3
FEATURES
Low noise amplifier at VHF,
UHF and CATV band.
Low Noise and High Gain
High Power Gain
MARKING
R
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3
V
Collector Current - Continuous
IC
0.1
A
Total Device Dissipation
PC
200
mW
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector–Base Breakdown Voltage
BVCBO
20
-
-
V
IC=10μA, IE=0
Collector–Emitter Breakdown Voltage
BVCEO
12
-
-
V
IC= 1mA, IB=0
Collector Cut-off Current
Emitter Cut-off Current
ICBO
IEBO
-
-
1
1
μA
μA
VCB=10V, IE=0
VEB=1V, IC=0
DC Current Gain
hFE*
50
-
250
VCE=10V, IC= 20mA
Transition Frequency
fT
-
7
-
GHz
VCE=10V, IC= 20mA
Collector Output Capacitance
NF
-
-
2
dB
VCE=10V, IC= 7mA, f = 1GHz
*pulse test: pulse width ≤ 350μs, Duty cycle ≤ 2%
CLASSIFICATION OF hFE
Rank
Q
R
S
Coding
23
24
25
Range
50 - 100
80 - 160
125 – 250
Marking
R23
R24
R25
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-323
= hFE Coding
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SC3356F

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC3356 SECOS-2SC3356 Datasheet
251Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
More results

Similar Description - 2SC3356F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226 Datasheet
287Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
2SD1781K SECOS-2SD1781K Datasheet
702Kb / 2P
NPN Silicon Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SD1781 SECOS-2SD1781 Datasheet
78Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
2SD1781 SECOS-2SD1781_15 Datasheet
78Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com