Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3838 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3838
Description  NPN Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3838 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3838 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3838 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC3838 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC3838
50 mA, 20 V
NPN Plastic Encapsulated Transistor
01-June-2005 Rev. A
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High transition frequency
Small rbb’·Cc and high gain
Small NF
PACKAGE INFORMATION
Weight: 0.0078g (Approximately)
MARKING
AD
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
11
V
Emitter to Base Voltage
VEBO
3
V
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
Pc
100
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
20
-
-
V
IC=10μA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
11
-
-
V
IC= 1mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
3
-
-
V
IE=10μA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.5
μA
VCB=10V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.5
μA
VEB= 2V, IC=0
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
500
mV
IC=-10mA, IB= 5mA
DC Current Gain
hFE
56
-
180
VCE= 10V, IC=5mA
Transition Frequency
fT
1.4
-
-
GHz
VCE=10V, IC= 10mA, f = 500MHz
Output Capacitance
Cob
-
-
1.5
pF
VCB=10V, IE=0A, f=1MHz
Collector-Base Time Constant
rbb’·Cc
-
-
12
pS
IC=10mA,VCB=10V, f=31.8MHz
Noise Figure
F
-
3.5
-
dB
VCE=6V, IC= 2mA, f = 500MHz, Rs = 50Ω
CLASSIFICATION OF hFE
Rank
N
P
Range
56 - 120
82 - 180
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50


Similar Part No. - 2SC3838

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3838 ROHM-2SC3838 Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Weitron Technology
2SC3838 WEITRON-2SC3838 Datasheet
865Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
134Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Guilin Strong Micro-Ele...
2SC3838 GSME-2SC3838 Datasheet
287Kb / 3P
SOT-23
More results

Similar Description - 2SC3838

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com