Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4226 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4226
Description  NPN Silicon Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4226 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4226 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4226 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC4226 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC4226
NPN Silicon
Plastic Encapsulated Transistor
01-June-2002 Rev. A
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
The 2SC4226 is a Low supply voltage transistor
designed for VHF, UHF low noise amplifier
Suitable for a high density surface mount assembly
since the transistor has been applied
small mini mold package
PACKAGING INFORMATION
Weight: 0.0074 g
MARKING CODE
r23, r24
, r25
ABSOLUTE MAXIMUM RATINGS (at TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3
V
Collector Current – Continuous
IC
0.1
A
Collector Power Dissipation
PC
150
mW
Junction, Storage Temperature
TJ, TSTG
+150, -65 ~ +150
℃
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector Cut-off Current
ICBO
-
-
1
μA
VCB = 10 V, IE = 0
Emitter Cut-off Current
IEBO
-
-
1
μA
VEB = 1 V, IC = 0
DC Current Gain
hFE*
40
-
250
VCE = 3V, IC = 7 mA
Transition Frequency
fT
3.0
-
-
GHz
VCE = 3V, IC = 7 mA
Feed Back Capacitance
Cre
-
-
1.5
pF
VCE = 3V, IE = 0, f = 1 MHz
Noise Figure
NF
-
-
2.5
dB
VCE = 3V, IC = 7mA, f = 1GHz
* Pulse Test: Pulse Width ≦ 350μs, Duty Cycle ≦ 2%
CLASSIFICATION OF hFE
Marking
r23
r24
r25
Rank
P
Q
R
Range
40 - 80
70 - 140
125 - 250
SOT-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SC4226

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
logo
Guangdong Kexin Industr...
2SC4226 KEXIN-2SC4226 Datasheet
60Kb / 1P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226 Datasheet
258Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Renesas Technology Corp
2SC4226 RENESAS-2SC4226 Datasheet
149Kb / 8P
NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
logo
Galaxy Semi-Conductor H...
2SC4226 BILIN-2SC4226 Datasheet
198Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - 2SC4226

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC3356F SECOS-2SC3356F Datasheet
349Kb / 2P
NPN Silicon Plastic Encapsulated Transistor
2SD1781K SECOS-2SD1781K Datasheet
702Kb / 2P
NPN Silicon Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SD1781 SECOS-2SD1781 Datasheet
78Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
2SD1781 SECOS-2SD1781_15 Datasheet
78Kb / 3P
NPN Silicon Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com