Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4618 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4618
Description  NPN General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4618 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4618 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4618 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC4618
NPN General Purpose Transistor
01-December-2008 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low
collector capacitance
Low rbb, high gain, and excellent noise characteristics
ABSOLUTE MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
40
V
Collector - Emitter Voltage
VCEO
25
V
Emitter - Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
Pc
0.15
W
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP. MAX.
UNIT
Collector-Base Breakdown Voltage
IC = 50 µA, IE = 0
V(BR)CBO
40
-
-
V
Collector-Emitter Breakdown Voltage
IC = 1mA, IB = 0
V(BR)CEO
25
-
-
V
Emitter-Base Breakdown Voltage
IE = 50 µA, IC = 0
V(BR)EBO
5
-
-
V
Collector Cut-Off Current
VCB = 24 V, IE = 0
ICBO
-
-
0.5
μA
Emitter Cut-Off Current
VEB = 3 V, IC = 0
IEBO
-
0.5
μA
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 1 mA
VCE(sat)
-
-
0.3
V
DC Current Transfer Ratio
VCE = 6V, IC = 1 mA
hFE
56
-
270
Transition Frequency
VCE = 6V, IE = 1 mA, f = 100 MHz
fT
150
-
-
MHz
Output Capacitance
VCE = 6V, IE = 0 A, f = MHz
COB
-
-
2.2
pF
CLASSIFICATION OF hFE
Rank
N
P
Q
Range
56 – 120
82 – 180
120 – 270
Marking
AN
AP
AQ
SOT-523
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
G
0.00
0.15
B
1.45
1.75
H
0.28
0.40
C
0.75
0.85
J
0.10
0.20
D
0.70
0.90
K
-
-
E
0.90
1.10
L
0.75
0.85
F
0.25
0.33


Similar Part No. - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4618 ROHM-2SC4618 Datasheet
80Kb / 4P
High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC4618 ROHM-2SC4618 Datasheet
147Kb / 3P
High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
logo
Weitron Technology
2SC4618 WEITRON-2SC4618 Datasheet
95Kb / 1P
NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
logo
Rohm
2SC4618 ROHM-2SC4618 Datasheet
105Kb / 3P
High-frequency Amplifier Transistor
More results

Similar Description - 2SC4618

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com