Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC4672
Description  NPN Silicon Epitaxial Silicon Tra nsistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC4672 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC4672 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC4672 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SC4672
NPN Silicon
Epitaxial Silicon Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SOT-89
Absolute Maximum Ratings at TA=25 C
Symbol
Parameter
Value
Collector Current (DC)
6
2
55~+150
50
60
2
5
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
A
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
Collector Current (Pulse)
o
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
C
*
Pulse width 380 s, Duty Cycle 2%
≦
≦
µ
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=50µA,IE=0
IC=1mA,IB=0
IE=50µA,IC=0
VCB= 60V,IE=0
IC=
VCE= V, IC=500mA,f=100MHz
VCB=10 , f=1MHz,IE=0
BVCEO
50
-
-
V
BVEBO
-
-
V
ICBO
-
-
100
nA
*VCE(sat)
-
*hFE
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
60
6
0.35
V
1A,IB=50mA
2
V
210
400
25
120
-
VCE= V, IC=
2
500mA
Measured under pulse condition.
-
-
VEB=5V,IC=0
-
0.1
100
IEBO
Emitter-Base Cutoff Current
-
nA
o
01-Jun-2002 Rev. A
Page 1 of 2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Description
The 2SC4672 is designed for low
frequency amplifier applications.
Features
* Excellent DC Current Gain Characteristics
* Low Saturation Voltage, Typically VCE(SAT)=0.1V
At IC/IB=1A/50mA
Classification of hFE
Rank
A
B
120~240
200~400
Range


Similar Part No. - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
Weitron Technology
2SC4672 WEITRON-2SC4672 Datasheet
265Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
297Kb / 4P
LOW FREQUENCY TRANSISTOR
More results

Similar Description - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5851 RENESAS-2SC5851 Datasheet
96Kb / 7P
Silicon NPN Epitaxial
HIT8050-N RENESAS-HIT8050-N Datasheet
114Kb / 5P
Silicon NPN Epitaxial
2SC4050 RENESAS-2SC4050 Datasheet
69Kb / 6P
Silicon NPN Epitaxial
2SC4262 RENESAS-2SC4262 Datasheet
165Kb / 5P
Silicon NPN Epitaxial
2SC4591 RENESAS-2SC4591 Datasheet
165Kb / 5P
Silicon NPN Epitaxial
2SC4965 RENESAS-2SC4965 Datasheet
72Kb / 6P
Silicon NPN Epitaxial
2SC4988 RENESAS-2SC4988 Datasheet
88Kb / 8P
Silicon NPN Epitaxial
2SC5080 RENESAS-2SC5080 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SD1306 RENESAS-2SD1306 Datasheet
70Kb / 6P
Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SD2098 SECOS-2SD2098 Datasheet
868Kb / 3P
NPN Silicon Epitaxial Planar Tra nsistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com