Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5706D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC5706D
Description  NPN Silicon General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC5706D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC5706D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC5706D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC5706D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Any changing of specification will not be informed individual
2SC5706
D
NPN Silicon
General Purpose Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
FEATURES
MARKING : 5706
(With Date Code)
ELECTRICAL CHARACTERISTICS (Tamb=25 unless otherwise specified)
MAXIMUM RATINGS* TA=25 unless otherwise noted
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCES
80
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
ICBO
5
A
Collector Current (Pulse)
ICP
7.5
A
Base Current
IB
1.2
A
Junction Temperature
Tj
+150
°C
Storage Temperature
TSTG
-55~+150
°C
PD
0.8
W
Total Power Dissipation
PD(TC=25°C)
15
W
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Emitter-Base Cutoff Current
Collector Saturation Voltage 1
Collector Saturation Voltage 2
Base Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
Turn-On Time
Storage Time
Fall Time
Parameter
Symbol
BVCBO
BVCES
BVCEO
BVEBO
ICBO
IEBO
*VCE(sat)1
*VCE(sat)2
*VBE(sat)
*hFE
fT
Cob
ton
tstg
tf
Min
80
80
50
6
-
-
-
-
-
200
-
-
-
-
-
Typ.
-
-
-
-
-
-
-
-
-
-
400
15
35
300
20
Max
-
-
-
-
1
1
135
240
1.2
560
-
-
-
-
-
Unit.
V
V
V
V
µA
µA
mV
mV
V
MHz
pF
ns
ns
ns
Test Conditions
IC=10
µA, IE=0
IC=100
µA, RBE=0
IC=1mA, RBE=∞
IE=10
µA, IC=0
VCB=40V, IE=0
VEB=4V, IC=0
IC=1A, IB=50mA
IC=2A, IB=100mA
IC=2A, IB=100mA
VCE=2V, IC=500mA
VCE=10V, IC=500mA
VCB=10V, f=1MHz
See specified test circuit.
See specified test circuit.
See specified test circuit.
01-Jun-2002 Rev. A
Page 1 of 3
0. 51 0. 10
0. 51 0. 05
0 0. 10
2. 30 0. 10
6. 50 0. 15
5. 30 0. 10
0. 60 0. 10
0. 80 0. 10
2. 30 0. 10
2. 30 0. 10
1. 20
9
0. 51
0
5
5
5
B
C
E
C
TO-252
O
C
Large current capacitance
Low collector-to-emitter saturation voltage
High-speed switching
•
•
•
High allowable power dissipation
•


Similar Part No. - 2SC5706D

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC5706 MOSPEC-2SC5706 Datasheet
45Kb / 2P
POWER TRANSISTOR(5A,50V,15W)
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
40Kb / 5P
High Current Switching Applications
logo
Weitron Technology
2SC5706 WEITRON-2SC5706 Datasheet
190Kb / 5P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
67Kb / 5P
High Current Switching Applications
2SC5706 SANYO-2SC5706 Datasheet
507Kb / 10P
High-Current Switching Applications
More results

Similar Description - 2SC5706D

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
NPN Silicon General Purpose Transistor
logo
Zowie Technology Corpor...
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
NPN Silicon General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com