Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1949 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1949
Description  NPN Silicon General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1949 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SD1949 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1949 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
2SD1949
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 4
Electrical characteristic curves
20
10
5
2
1
0.5
0.2
0.1
0.2
0
0.4
0.8
0.6
1.2
1.0
50
100
200
BASE TO VOLTAGE : VBE (V)
Fig.1 Ground emitter propagation
characteristics
VCE=6V
60
40
20
0
1
024
35
80
100
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Ground emitter output characteristics
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
IB=0mA
VCE=6V
500
200
100
50
0.1 0.2 0.5 1 2
5 10 20
50 100 200 500
1000
COLLECTOR CURRENT IC (mA)
Fig.3 DC current gain vs. Collector current ( )
1000
500
200
100
50
20
12
5
10 20
50 100 200 500 1000
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
Fig.4 DC current gain vs. Collector currnet ( )
VCE=10V
-25 C
Ta=75 C
25 C
50
20
10
5
0.1 0.2
0.5
12
510 20
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Input-and-output capacity
vs.voltage characteristic
Ta=25 C
f=1MHz
IE=0A
0.5
0.2
0.1
0.05
0.02
5
10 20
50 100 200 500 1000
COLLECTOR CURRENT IC (mA)
Fig.6 Collector-emitter saturation voltage
vs. collector current
IC/IB=10
-25 C
Ta=75 C
25 C
0.5
0.2
0.1
0.05
0.02
5
10
20
50 100 200
500
Fig.5 Collector-emitter saturation voltage
vs. Collector current
EMITTER CURRENT : IE (mA)
500
200
100
-1
-2
-5
-10
-20
-50
Fig.8 Transition frequency
vs.emitter current
Ta=25 C
Cib
Cob
Ta=25 C
Ta=25 C
VCE=3V
1V
IC/IB
=100/1
50/1
20/1
10/1
VCE=6V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com