Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2114 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD2114
Description  NPN Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2114 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD2114 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2114 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD2114 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SD2114
0.5 A, 25 V
NPN Plastic Encapsulated Transistor
01-June-2005 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High DC current gain :hFE = 1200(Typ)
High emitter-base voltage. VEBO =12V (Min.)
Low VCE (sat). VCE (sat) = 0.18V (Typ.) (IC/IB=500mA / 20mA)
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
20
V
Emitter to Base Voltage
VEBO
12
V
Collector Current - Continuous
IC
500
mA
Collector Power Dissipation
Pc
250
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
25
-
-
V
IC=10uA
BVCEO
20
-
-
V
IC=1mA
BVEBO
12
-
-
V
IE=10uA
ICBO
-
-
0.5
uA
VCB=20V
IEBO
-
-
0.5
uA
VEB=10V
*hFE1
820
-
2700
VCE=3V, IC=10mA
VCE(sat)
-
-
0.4
V
IC=500mA, IB=20mA
fT
-
350
-
MHz
VCE=10V, IC=50mA, f=100MHz
COB
-
8
-
pF
VCB=10V, IE=0, f=1MHz
R(ON)
-
0.8
-
Ω
VIN=0.1V(rms),IB=1mA, f=1KHZ
CLASSIFICATION OF hFE1
Rank
V
W
Range
820 - 1800
1200 - 2700
Marking
BBV
BBW
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - 2SD2114

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2114 SECOS-2SD2114 Datasheet
256Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SD2114 HTSEMI-2SD2114 Datasheet
889Kb / 3P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SD2114 JIANGSU-2SD2114 Datasheet
919Kb / 4P
SOT-23 Plastic-Encapsulate Transistors
logo
Rohm
2SD2114K ROHM-2SD2114K Datasheet
132Kb / 4P
High-current Gain MediumPower Transistor (20V, 0.5A)
2SD2114K ROHM-2SD2114K Datasheet
99Kb / 5P
High-current Gain Medium Power Transistor (20V, 0.5A)
More results

Similar Description - 2SD2114

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com