Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A92Q Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # A92Q
Description  PNP Transistor Pitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

A92Q Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  A92Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH A92Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
A92Q
PNP Transistor
Pitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The A92Q is designed for appliactaions as
a viedo output to drive color CRT, or as a
dialer circuit in electronics telephone.
Description
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=-100
µA, IE=0
IC=-1mA, IB=0
IE=-100
µA, IC=0
VCB=-200V, IE=0
VEB=-
C
=0
IC=-
VCE=-
V, IC=
VCE=-
V, IC=-10mA,
VCB=-20 ,
, f=100MHz
BVCEO
-300
-
-
V
BVEBO
-
-
V
ICBO
-
-
-250
nA
IEBO
-
-
nA
*VCE(sat)
-
-
*VBE(sat)
*hFE1
-
*hFE2
*hFE3
-
fT
50
-
MH
Cob
-
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Emitter-Base Cutoff Current
Collector Saturation Voltage
Base Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
-300
-5
25
40
25
-
-
-100
-500
-900
6
mV
3V,I
20mA,IB=-2mA
10
-1mA
VCE=-
V, IC=-
10
10mA
VCE=-
V, IC=-
10
30mA
20
V
C
o
mV
-
-
-
-
-
IC=-20mA,IB=-2mA
IE=0
*Pulse Test: Pulse width
380us, Duty Cycle
2%
MAXIMUM RATINGS* (Tamb =25 , unless otherwise specified)
C
Symbol
Parameter
Value
Collector Current (DC)
-5
1
55~+150
-300
-300
-500
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
mA
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
o
01-Jun-2002 Rev. A
Page 1 of 2
S O T -89
Symbol
A
b
b1
c
D
D1
E
E1
e
e1
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
0.900
Max
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.100
Min
0.055
0.013
0.014
0.014
0.173
0.055
0.091
0.155
0.114
0.035
Max
0.063
0.020
0.022
0.017
0.181
0.071
0.102
0.167
0.122
0.043
Dimensions In Millimeters
Dimensions In Inches
0.060TYP
1.500TYP
D
D1
C
A
b
b1
e
e1


Similar Part No. - A92Q

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A92 JIANGSU-A92 Datasheet
276Kb / 3P
TRANSISTOR竊?PNP 竊
logo
SeCoS Halbleitertechnol...
A92 SECOS-A92 Datasheet
513Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
logo
Daya Electric Group Co....
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
A92 SECOS-A92 Datasheet
274Kb / 2P
PNP Plastic-Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
A92 HTSEMI-A92 Datasheet
172Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - A92Q

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MPSA77 KEC-MPSA77 Datasheet
65Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (DARLINGTON TRANSISTOR)
logo
List of Unclassifed Man...
GM4033 ETC2-GM4033 Datasheet
218Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBCX53 ETC2-GMBCX53 Datasheet
213Kb / 2P
PNP SILICONE PITAXIAL TRANSISTOR
logo
GTM CORPORATION
GBC857 GTM-GBC857 Datasheet
212Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GE1046 GTM-GE1046 Datasheet
351Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GJ3669 GTM-GJ3669 Datasheet
158Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL3906 GTM-GL3906 Datasheet
188Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMA92 GTM-GMA92 Datasheet
225Kb / 2P
PNP PITAXIAL PLANAR TRANSISTOR
GMBCX53 GTM-GMBCX53 Datasheet
213Kb / 2P
PNP SILICONE PITAXIAL TRANSISTOR
logo
KEC(Korea Electronics)
KTC2983D KEC-KTC2983D_15 Datasheet
404Kb / 3P
PITAXIAL PLANAR NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com